| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
AD9992BBCZ Datasheet(PDF) 49 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD9992BBCZ Datasheet(HTML) 49 Page - Analog Devices |
|
49 / 92 page ![]() AD9992 Rev. C | Page 49 of 92 VD SUBCK SUBCK PROGRAMMABLE SETTINGS: 1. PULSE POLARITY USING THE SUBCK_POL REGISTER. 2. NUMBER OF PULSES WITHIN THE FIELD USING THE SUBCKNUM REGISTER (SUBCKNUM = 3 IN THE ABOVE EXAMPLE). 3. PIXEL LOCATION OF PULSE WITHIN THE LINE AND PULSE WIDTH PROGRAMMED USING THE SUBCK1 TOGGLE POSITION REGISTERS. tEXP VSG HD tEXP Figure 56. Normal SUBCK Operation VD SUBCK NOTES 1. SECOND SUBCK PULSE IS ADDED IN THE LAST SUBCK LINE. 2. LOCATION OF SECOND PULSE IS FULLY PROGRAMMABLE USING THE SUBCKHP TOGGLE POSITION REGISTERS. VSG HD tEXP tEXP Figure 57. High Precision SUBCK Operation VD SUBCK VSG TRIGGER EXPOSURE (0x70) tEXP NOTES 1. SUBCK CAN BE SUPPRESSED FOR MULTIPLE FIELDS BY PROGRAMMING THE EXPOSURE REGISTER TO BE GREATER THAN 0. 2. ABOVE EXAMPLE USES EXPOSURE = 1. 3. TRIGGER REGISTER MUST ALSO BE USED TO START THE LOW SPEED EXPOSURE. 4. VD/HD OUTPUTS CAN ALSO BE SUPPRESSED USING THE VDHDOFF REGISTER = 1. Figure 58. Low Speed SUBCK Operation |