| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
IDT723663 Datasheet(PDF) 23 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
IDT723663 Datasheet(HTML) 23 Page - Renesas Technology Corp |
|
23 / 30 page ![]() 23 COMMERCIALTEMPERATURERANGE IDT723663/723673 CMOS SyncFIFOTM WITH BUS-MATCHING 4,096 x 36 x 2 and 8,192 x 36 x 2 Figure 13. IR Flag Timing and First Available Write when FIFO is Full (FWFT Mode) NOTES: 1. tSKEW1 is the minimum time between a rising CLKB edge and a rising CLKA edge for IR to transition HIGH in the next CLKA cycle. If the time between the rising CLKB edge and rising CLKA edge is less than tSKEW1, then IR may transition HIGH one CLKA cycle later than shown. 2. If Port B size is word or byte, tSKEW1 is referenced to the rising CLKB edge that reads the last word or byte write of the long word, respectively. CSB OR MBB ENB B0-B35 CLKB IR CLKA CSA 5610 drw15 W/ RA 12 A0-A35 MBA ENA tCLK tCLKH tCLKL tENS2 tENH tA tSKEW1 tCLK tCLKH tCLKL tENS2 tENS2 tDS tENH tENH tDH To FIFO Previous Word in FIFO Output Register Next Word From FIFO LOW W/RB HIGH LOW HIGH LOW HIGH (1) FIFO Full tWFF tWFF |