| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
IDT723663 Datasheet(PDF) 22 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
IDT723663 Datasheet(HTML) 22 Page - Renesas Technology Corp |
|
22 / 30 page ![]() 22 COMMERCIALTEMPERATURERANGE IDT723663/723673 CMOS SyncFIFOTM WITH BUS-MATCHING 4,096 x 36 x 2 and 8,192 x 36 x 2 NOTES: 1. tSKEW1 is the minimum time between a rising CLKA edge and a rising CLKB edge for EF to transition HIGH in the next CLKB cycle. If the time between the rising CLKA edge and rising CLKB edge is less than tSKEW1, then the transition of EF HIGH may occur one CLKB cycle later than shown. 2. If Port B size is word or byte, EF is set LOW by the last word or byte read from the FIFO, respectively. Figure 12. EF Flag Timing and First Data Read when FIFO is Empty (IDT Standard Mode) CSA W/ RA MBA FF A0-A35 CLKB EF CSB W/RB MBB ENA ENB B0-B35 CLKA 12 5610 drw14 tCLKH tCLKL tCLK tENS2 tENS2 tENH tENH tDS tDH tSKEW1 tCLK tCLKL tENS2 tENH tA W1 FIFO Empty LOW HIGH LOW HIGH LOW tCLKH W1 HIGH (1) tREF tREF |