| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
ICS951403 Datasheet(PDF) 14 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
ICS951403 Datasheet(HTML) 14 Page - Renesas Technology Corp |
|
14 / 18 page ![]() 14 ICS951403 0486B—02/23/04 CPU_STOP# Timing Diagram CPU_STOP# is an asychronous input to the clock synthesizer. It is used to turn off the CPUCLKs for low power operation. CPU_STOP# is synchronized by the ICS951403. All other clocks will continue to run while the CPUCLKs clocks are disabled. The CPUCLKs will always be stopped in a low state and start in such a manner that guarantees the high pulse width is a full pulse. CPUCLK on latency is less than 4 CPUCLKs and CPUCLK off latency is less than 4 CPUCLKs. Notes: 1. All timing is referenced to the internal CPUCLK. 2. CPU_STOP# is an asynchronous input and metastable conditions may exist. This signal is synchronized to the CPUCLKs inside the ICS951403. 3. All other clocks continue to run undisturbed. 4. PD# and PCI_STOP# are shown in a high (true) state. PCICLK CPUCLKT CPUCLKC PD# (High) CPU_STOP# INTERNAL CPUCLK |