| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
ICS951403 Datasheet(PDF) 4 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
ICS951403 Datasheet(HTML) 4 Page - Renesas Technology Corp |
|
4 / 18 page ![]() 4 ICS951403 0486B—02/23/04 Byte 1: Output Control Register (1= enable, 0 = disable) Byte 2: PCI Stop Register (1= enable, 0 = disable) Notes: 1. Inactive means outputs are held LOW and are disabled from switching. 2. Latched Frequency Selects (FS#) will be inverted logic load of the input frequency select pin conditions. Byte 4: 24/48MHz Control Register (1= enable, 0 = disable) T I B# N I PD W PN O I T P I R C S E D 7- X d e v r e s e R 6X k c a b - d a e R 2 S F 5X k c a b - d a e R 1 S F 4X k c a b - d a e R 0 S F 31 1 1 F E R 22 1 0 F E R 10 21 1 P G A 09 11 0 P G A Byte 5: Clock Enable Control Register (1= enable, 0 = disable) Byte 3: CPU Free Running Control Register (1= enable, 0 = disable) T I B# N I PD W PN O I T P I R C S E D 7 t i B7 1 F _ K L C I C P 6 t i B7 11 6 K L C I C P 5 t i B6 11 5 K L C I C P 4 t i B4 11 4 K L C I C P 3 t i B3 11 3 K L C I C P 2 t i B1 11 2 K L C I C P 1 t i B0 11 1 K L C I C P 0 t i B8 1 0 K L C I C P T I B# N I PD W PN O I T P I R C S E D 7 t i B- X d e v r e s e R 6 t i B- X d e v r e s e R 5 t i B- X d e v r e s e R 4 t i B- X d e v r e s e R 3 t i B- 0 d e v r e s e R 2 t i B- 0 0 C / T U P C 1 t i B- 0 1 C / T U P C 0 t i B- 0 2 C / T U P C T I B# N I PD W PN O I T P I R C S E D 7 t i B4 21 8 4 / 4 2 L E S z H M 8 4 = 1 z H M 4 2 = 0 6 t i B7 31 0 C K L C U P C 5 t i B6 31 0 T K L C U P C 4 t i B0 41 1 C K L C U P C 3 t i B9 31 1 T K L C U P C 2 t i B3 41 2 C K L C U P C 1 t i B2 41 2 T K L C U P C 0 t i B6 41 T U O _ M A R D S Byte 6: Control Register (1= enable, 0 = disable) Notes: 3. Bytes 7:14 not defined. T I B# N I PD W PN O I T P I R C S E D 7- 1 d e v r e s e R 64 21 z H M 8 4 - 4 2 5- 1 z H M 8 4 4- 1 d e v r e s e R 3- 1 d e v r e s e R 2- 1 d e v r e s e R 1- 0 t c e l e s y c n e u q e r f P G A z H M 0 . 0 5 = 1 z H M 6 . 6 6 = 0 0- 1 d e v r e s e R T I B# N I PD W PN O I T P I R C S E D 7- 0 X 2 = 1 X 1 = 0 h t g n e r t s F E R 6- 0 p o t s 2 : 1 T , 2 : 1 C U P C = 0 g n i n n u r e e r f 2 : 1 T , 2 : 1 C U P C = 1 5- 0 d e v r e s e R 4- X k c a b - d a e r # D A E R P S 3- X k c a b - d a e r # P O T S _ U P C 2- X k c a b - d a e r # P O T S _ I C P 1- X d e v r e s e R 0- 0 e l g g o t d e e p s P G A |