Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

HC05RC16GRS/D Datasheet(PDF) 31 Page - NXP Semiconductors

No. de pieza HC05RC16GRS/D
Descripción Electrónicos  General Release Specification
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NXP [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC05RC16GRS/D Datasheet(HTML) 31 Page - NXP Semiconductors

Back Button HC05RC16GRS/D Datasheet HTML 27Page - NXP Semiconductors HC05RC16GRS/D Datasheet HTML 28Page - NXP Semiconductors HC05RC16GRS/D Datasheet HTML 29Page - NXP Semiconductors HC05RC16GRS/D Datasheet HTML 30Page - NXP Semiconductors HC05RC16GRS/D Datasheet HTML 31Page - NXP Semiconductors HC05RC16GRS/D Datasheet HTML 32Page - NXP Semiconductors HC05RC16GRS/D Datasheet HTML 33Page - NXP Semiconductors HC05RC16GRS/D Datasheet HTML 34Page - NXP Semiconductors HC05RC16GRS/D Datasheet HTML 35Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 122 page
background image
Memory
Input/Output Programming
MC68HC05RC16 — Rev. 3.0
General Release Specification
Memory
2.3.3 RAM
The user RAM consists of 352 bytes of a shared stack area. The RAM
starts at address $0020 and ends at address $017F. The stack begins
at address $00FF. The stack pointer can access 64 bytes of RAM in the
range $00FF to $00C0.
NOTE:
Using the stack area for data storage or temporary work locations
requires care to prevent it from being overwritten due to stacking from an
interrupt or subroutine call.
2.4 Input/Output Programming
In user mode, 20 lines (28-pin PDIP or 28-pin SOIC) or 24 lines (44-lead
PLCC) are arranged as three 8-bit I/O ports. These ports are
programmable as either inputs or outputs under software control of the
data direction registers. For detailed information, refer to Section 7.
Parallel Input/Output (I/O).
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com