Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

P87C52X2FN Datasheet(PDF) 4 Page - NXP Semiconductors

No. de pieza P87C52X2FN
Descripción Electrónicos  80C51 8-bit microcontroller family 4K/8K/16K/32K ROM/OTP 128B/256B RAM low voltage (2.7 to 5.5 V), low power, high speed (30/33 MHz)
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NXP [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo NXP - NXP Semiconductors

P87C52X2FN Datasheet(HTML) 4 Page - NXP Semiconductors

  P87C52X2FN Datasheet HTML 1Page - NXP Semiconductors P87C52X2FN Datasheet HTML 2Page - NXP Semiconductors P87C52X2FN Datasheet HTML 3Page - NXP Semiconductors P87C52X2FN Datasheet HTML 4Page - NXP Semiconductors P87C52X2FN Datasheet HTML 5Page - NXP Semiconductors P87C52X2FN Datasheet HTML 6Page - NXP Semiconductors P87C52X2FN Datasheet HTML 7Page - NXP Semiconductors P87C52X2FN Datasheet HTML 8Page - NXP Semiconductors P87C52X2FN Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 62 page
background image
Philips Semiconductors
Product data
P80C3xX2; P80C5xX2;
P87C5xX2
80C51 8-bit microcontroller family
4K/8K/16K/32K ROM/OTP, low voltage (2.7 to 5.5 V),
low power, high speed (30/33 MHz)
2003 Jan 24
4
P80C31/32X2 ORDERING INFORMATION (ROMLESS)
Type number
Package
Temperature
R(
°C)
Name
Description
Version
Range (
°C)
P80C31X2BA
PLCC44
plastic leaded chip carrier; 44 leads
SOT187-2
0 to +70
P80C31X2BN
DIP40
plastic dual in-line package; 40 leads (600 mil)
SOT129-1
0 to +70
P80C32X2BA
PLCC44
plastic leaded chip carrier; 44 leads
SOT187-2
0 to +70
P80C32X2BN
DIP40
plastic dual in-line package; 40 leads (600 mil)
SOT129-1
0 to +70
P80C32X2BBD
LQFP44
plastic low profile quad flat package; 44 leads; body 10 x 10 x 1.4 mm
SOT389-1
0 to +70
P80C32X2FA
PLCC44
plastic leaded chip carrier; 44 leads
SOT187-2
–40 to +85
P80C32X2FN
DIP40
plastic dual in-line package; 40 leads (600 mil)
SOT129-1
–40 to +85
P87C51X2 ORDERING INFORMATION (4 KBYTE OTP)
Type number
Package
Temperature
R(
°C)
Name
Description
Version
Range (
°C)
P87C51X2BA
PLCC44
plastic leaded chip carrier; 44 leads
SOT187-2
0 to +70
P87C51X2BN
DIP40
plastic dual in-line package; 40 leads (600 mil)
SOT129-1
0 to +70
P87C51X2BBD
LQFP44
plastic low profile quad flat package; 44 leads; body 10 x 10 x 1.4 mm
SOT389-1
0 to +70
P87C51X2FA
PLCC44
plastic leaded chip carrier; 44 leads
SOT187-2
–40 to +85
P87C51X2FBD
LQFP44
plastic low profile quad flat package; 44 leads; body 10 x 10 x 1.4 mm
SOT389-1
–40 to +85
P87C52X2 ORDERING INFORMATION (8 KBYTE OTP)
Type number
Package
Temperature
R(
°C)
Name
Description
Version
Range (
°C)
P87C52X2BA
PLCC44
plastic leaded chip carrier; 44 leads
SOT187-2
0 to +70
P87C52X2BN
DIP40
plastic dual in-line package; 40 leads (600 mil)
SOT129-1
0 to +70
P87C52X2BBD
LQFP44
plastic low profile quad flat package; 44 leads; body 10 x 10 x 1.4 mm
SOT389-1
0 to +70
P87C52X2FA
PLCC44
plastic leaded chip carrier; 44 leads
SOT187-2
–40 to +85
P87C52X2FN
DIP40
plastic dual in-line package; 40 leads (600 mil)
SOT129-1
–40 to +85
P87C52X2FBD
LQFP44
plastic low profile quad flat package; 44 leads; body 10 x 10 x 1.4 mm
SOT389-1
–40 to +85
P87C54X2 ORDERING INFORMATION (16 KBYTE OTP)
Type number
Package
Temperature
R(
°C)
Name
Description
Version
Range (
°C)
P87C54X2BA
PLCC44
plastic lead chip carrier; 44 leads
SOT187-2
0 to +70
P87C54X2BN
DIP40
plastic dual in-line package; 40 leads (600 mil)
SOT129-1
0 to +70
P87C54X2BBD
LQFP44
plastic low profile quad flat package; 44 leads; body 10 x 10 x 1.4 mm
SOT389-1
0 to +70
P87C54X2BDH
TSSOP38
plastic thin shrink small outline package; 38 leads; body width 4.4 mm;
lead pitch 0.5 mm
SOT510-1
0 to +70
P87C54X2FA
PLCC44
plastic lead chip carrier; 44 leads
SOT187-2
–40 to +85
P87C54X2FBD
LQFP44
plastic low profile quad flat package; 44 leads; body 10 x 10 x 1.4 mm
SOT389-1
–40 to +85
P87C58X2 ORDERING INFORMATION (32 KBYTE OTP)
Type number
Package
Temperature
R(
°C)
Name
Description
Version
Range (
°C)
P87C58X2BA
PLCC44
plastic lead chip carrier; 44 leads
SOT187-2
0 to +70
P87C58X2BN
DIP40
plastic dual in-line package; 40 leads (600 mil)
SOT129-1
0 to +70
P87C58X2BBD
LQFP44
plastic low profile quad flat package; 44 leads; body 10 x 10 x 1.4 mm
SOT389-1
0 to +70
P87C58X2FA
PLCC44
plastic lead chip carrier; 44 leads
SOT187-2
–40 to +85
P87C58X2FBD
LQFP44
plastic low profile quad flat package; 44 leads; body 10 x 10 x 1.4 mm
SOT389-1
–40 to +85
P87C58X2FN
DIP40
plastic dual in-line package; 40 leads (600 mil)
SOT129-1
–40 to +85
All OTP parts listed here are also available as ROM parts (80C5xX2). Please contact your Philips representative if you would like to order a
ROM part.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com