Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

P87C52X2FN Datasheet(PDF) 2 Page - NXP Semiconductors

No. de pieza P87C52X2FN
Descripción Electrónicos  80C51 8-bit microcontroller family 4K/8K/16K/32K ROM/OTP 128B/256B RAM low voltage (2.7 to 5.5 V), low power, high speed (30/33 MHz)
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NXP [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo NXP - NXP Semiconductors

P87C52X2FN Datasheet(HTML) 2 Page - NXP Semiconductors

  P87C52X2FN Datasheet HTML 1Page - NXP Semiconductors P87C52X2FN Datasheet HTML 2Page - NXP Semiconductors P87C52X2FN Datasheet HTML 3Page - NXP Semiconductors P87C52X2FN Datasheet HTML 4Page - NXP Semiconductors P87C52X2FN Datasheet HTML 5Page - NXP Semiconductors P87C52X2FN Datasheet HTML 6Page - NXP Semiconductors P87C52X2FN Datasheet HTML 7Page - NXP Semiconductors P87C52X2FN Datasheet HTML 8Page - NXP Semiconductors P87C52X2FN Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 62 page
background image
Philips Semiconductors
Product data
P80C3xX2; P80C5xX2;
P87C5xX2
80C51 8-bit microcontroller family
4K/8K/16K/32K ROM/OTP, low voltage (2.7 to 5.5 V),
low power, high speed (30/33 MHz)
2
2003 Jan 24
853-2337 29260
DESCRIPTION
The Philips microcontrollers described in this data sheet are
high-performance static 80C51 designs incorporating Philips’
high-density CMOS technology with operation from 2.7 V to 5.5 V.
They support both 6-clock and 12-clock operation.
The P8xC31X2/51X2 and P8xC32X2/52X2/54X2/58X2 contain
128 byte RAM and 256 byte RAM respectively, 32 I/O lines, three
16-bit counter/timers, a six-source, four-priority level nested interrupt
structure, a serial I/O port for either multi-processor
communications, I/O expansion or full duplex UART, and on-chip
oscillator and clock circuits.
In addition, the devices are low power static designs which offer a
wide range of operating frequencies down to zero. Two software
selectable modes of power reduction — idle mode and power-down
mode — are available. The idle mode freezes the CPU while
allowing the RAM, timers, serial port, and interrupt system to
continue functioning. The power-down mode saves the RAM
contents but freezes the oscillator, causing all other chip functions to
be inoperative. Since the design is static, the clock can be stopped
without loss of user data. Then the execution can be resumed from
the point the clock was stopped.
SELECTION TABLE
For applications requiring more ROM and RAM, as well as more
on-chip peripherals, see the P89C66x and P89C51Rx2 data sheets.
Type
Memory
Timers
Serial Interfaces
Max.
Freq.
at 6-clk
/ 12-clk
(MHz)
Freq.
Range
at
3V
(MHz)
Freq.
Range
at
5V
(MHz)
P87C58X2
256B
–
32K
–
3
–
–
–
n
–
–
–
–
32
6 (2)
n
12–clk
6-clk
30/33
0–16
0–30/33
P80C58X2
256B
32K
–
–
3
–
–
–
n
–
–
–
–
32
6 (2)
n
12–clk
6-clk
30/33
0–16
0–30/33
P87C54X2
256B
–
16K
–
3
–
–
–
n
–
–
–
–
32
6 (2)
n
12–clk
6-clk
30/33
0–16
0–30/33
P80C54X2
256B
16K
–
–
3
–
–
–
n
–
–
–
–
32
6 (2)
n
12–clk
6-clk
30/33
0–16
0–30/33
P87C52X2
256B
–
8K
–
3
–
–
–
n
–
–
–
–
32
6 (2)
n
12–clk
6-clk
30/33
0–16
0–30/33
P80C52X2
256B
8K
–
–
3
–
–
–
n
–
–
–
–
32
6 (2)
n
12–clk
6-clk
30/33
0–16
0–30/33
P87C51X2
128B
–
4K
–
3
–
–
–
n
–
–
–
–
32
6 (2)
n
12–clk
6-clk
30/33
0–16
0–30/33
P80C51X2
128B
4K
–
–
3
–
–
–
n
–
–
–
–
32
6 (2)
n
12–clk
6-clk
30/33
0–16
0–30/33
P80C32X2
256B
–
–
–
3
–
–
–
n
–
–
–
–
32
6 (2)
–
12–clk
6-clk
30/33
0–16
0–30/33
P80C31X2
128B
–
–
–
3
–
–
–
n
–
–
–
–
32
6 (2)
–
12–clk
6-clk
30/33
0–16
0–30/33
NOTE:
1. I2C = Inter-Integrated Circuit Bus; CAN = Controller Area Network; SPI = Serial Peripheral Interface; PCA = Programmable Counter Array;
ADC = Analog-to-Digital Converter; PWM = Pulse Width Modulation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com