Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ST25TB02K Datasheet(PDF) 22 Page - STMicroelectronics

No. de pieza ST25TB02K
Descripción Electrónicos  13.56 MHz short-range contactless memory chip with 2048-bit EEPROM and anticollision functions
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25TB02K Datasheet(HTML) 22 Page - STMicroelectronics

Back Button ST25TB02K Datasheet HTML 18Page - STMicroelectronics ST25TB02K Datasheet HTML 19Page - STMicroelectronics ST25TB02K Datasheet HTML 20Page - STMicroelectronics ST25TB02K Datasheet HTML 21Page - STMicroelectronics ST25TB02K Datasheet HTML 22Page - STMicroelectronics ST25TB02K Datasheet HTML 23Page - STMicroelectronics ST25TB02K Datasheet HTML 24Page - STMicroelectronics ST25TB02K Datasheet HTML 25Page - STMicroelectronics ST25TB02K Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 47 page
background image
8
ST25TB02K commands
See the paragraphs below for a detailed description of the commands available on the ST25TB02K. The
commands and their hexadecimal codes are summarized in Table 10. A brief is given in Appendix B ST25TB02K
command brief.
Table 10. Command code
Hexadecimal code
Command
06h-00h
Initiate()
06h-04h
Pcall16()
x6h
Slot_marker (SN)
08h
Read_block(Addr)
09h
Write_block(Addr, Data)
0Bh
Get_UID()
0Ch
Reset_to_inventory
0Eh
Select(Chip_ID)
0Fh
Completion()
ST25TB02K
ST25TB02K commands
DS11469 - Rev 7
page 22/47



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com