Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

STM32U545NET6QTR Datasheet(PDF) 83 Page - STMicroelectronics

No. de pieza STM32U545NET6QTR
Descripción Electrónicos  Ultra-low-power Arm® Cortex®-M33 MCUTrustZone®FPU,240 DMIPS, 512 KB flash memory, 274 KB SRAM, crypto
PDF  283 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U545NET6QTR Datasheet(HTML) 83 Page - STMicroelectronics

Back Button STM32U545NET6QTR Datasheet HTML 79Page - STMicroelectronics STM32U545NET6QTR Datasheet HTML 80Page - STMicroelectronics STM32U545NET6QTR Datasheet HTML 81Page - STMicroelectronics STM32U545NET6QTR Datasheet HTML 82Page - STMicroelectronics STM32U545NET6QTR Datasheet HTML 83Page - STMicroelectronics STM32U545NET6QTR Datasheet HTML 84Page - STMicroelectronics STM32U545NET6QTR Datasheet HTML 85Page - STMicroelectronics STM32U545NET6QTR Datasheet HTML 86Page - STMicroelectronics STM32U545NET6QTR Datasheet HTML 87Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 283 page
background image
DS14216 Rev 1
83/283
STM32U545xx
Functional overview
88
Four error detection flags:
Overrun error
Noise detection
Frame error
Parity error
Interrupt sources with flags
Multiprocessor communications: wake-up from Mute mode by idle line detection or
address mark detection
Autonomous functionality in Stop mode with wake-up from Stop capability
3.43
Serial peripheral interface (SPI)
The devices embed three serial peripheral interfaces (SPI) that can be used to
communicate with external devices while using the specific synchronous protocol. The SPI
protocol supports half-duplex, full-duplex and simplex synchronous, serial communication
with external devices.
The interface can be configured as master or slave and can operate in multi-slave or
multi-master configurations. The device configured as master provides communication
clock (SCK) to the slave device. The slave select (SS) and ready (RDY) signals can be
applied optionally just to setup communication with concrete slave and to assure it handles
the data flow properly. The Motorola® data format is used by default, but some other specific
modes are supported as well.
The SPI main features are:
Full-duplex synchronous transfers on three lines
Half-duplex synchronous transfer on two lines (with bidirectional data line)
Simplex synchronous transfers on two lines (with unidirectional data line)
4-bit to 32-bit data size selection or fixed to 8-bit and 16-bit only
Multi master or multi slave mode capability
Dual-clock domain, separated clock for the peripheral kernel that can be independent
of PCLK
Baud rate prescaler up to kernel frequency/2 or bypass from RCC in Master mode
Protection of configuration and setting
Hardware or software management of SS for both master and slave
Adjustable minimum delays between data and between SS and data flow
Configurable SS signal polarity and timing, MISO x MOSI swap capability
Programmable clock polarity and phase
Programmable data order with MSB-first or LSB-first shifting
Programmable number of data within a transaction to control SS and CRC
Dedicated transmission and reception flags with interrupt capability
SPI Motorola® and Texas Instruments® formats support
Hardware CRC feature can secure communication at the end of transaction by:
Adding CRC value in Tx mode
Automatic CRC error checking for Rx mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More