Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

STM32U545NET6QTR Datasheet(PDF) 81 Page - STMicroelectronics

No. de pieza STM32U545NET6QTR
Descripción Electrónicos  Ultra-low-power Arm® Cortex®-M33 MCUTrustZone®FPU,240 DMIPS, 512 KB flash memory, 274 KB SRAM, crypto
PDF  283 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U545NET6QTR Datasheet(HTML) 81 Page - STMicroelectronics

Back Button STM32U545NET6QTR Datasheet HTML 77Page - STMicroelectronics STM32U545NET6QTR Datasheet HTML 78Page - STMicroelectronics STM32U545NET6QTR Datasheet HTML 79Page - STMicroelectronics STM32U545NET6QTR Datasheet HTML 80Page - STMicroelectronics STM32U545NET6QTR Datasheet HTML 81Page - STMicroelectronics STM32U545NET6QTR Datasheet HTML 82Page - STMicroelectronics STM32U545NET6QTR Datasheet HTML 83Page - STMicroelectronics STM32U545NET6QTR Datasheet HTML 84Page - STMicroelectronics STM32U545NET6QTR Datasheet HTML 85Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 283 page
background image
DS14216 Rev 1
81/283
STM32U545xx
Functional overview
88
High-speed data communications up to 20 Mbauds are possible by using the DMA (direct
memory access) for multibuffer configuration.
The USART main features are:
Full-duplex asynchronous communication
NRZ standard format (mark/space)
Configurable oversampling method by 16 or 8 to achieve the best compromise
between speed and clock tolerance
Baud rate generator systems
Two internal FIFOs for transmit and receive data
Each FIFO can be enabled/disabled by software and come with a status flag.
A common programmable transmit and receive baud rate
Dual-clock domain with dedicated kernel clock for peripherals independent from PCLK
Auto baud rate detection
Programmable data word length (7, 8 or 9 bits)
Programmable data order with MSB-first or LSB-first shifting
Configurable stop bits (1 or 2 stop bits)
Synchronous Master/Slave mode and clock output/input for synchronous
communications
SPI slave transmission underrun error flag
Single-wire half-duplex communications
Continuous communications using DMA
Received/transmitted bytes are buffered in reserved SRAM using centralized DMA
Separate enable bits for transmitter and receiver
Separate signal polarity control for transmission and reception
Swappable Tx/Rx pin configuration
Hardware flow control for modem and RS-485 transceiver
Communication control/error detection flags
Parity control:
Transmits parity bit
Checks parity of received data byte
Interrupt sources with flags
Multiprocessor communications: wake-up from Mute mode by idle line detection or
address mark detection
Autonomous functionality in Stop mode with wake-up from stop capability
LIN master synchronous break send capability and LIN slave break detection capability
13-bit break generation and 10/11-bit break detection when USART is hardware
configured for LIN
IrDA SIR encoder decoder supporting 3/16-bit duration for Normal mode
Smartcard mode
Supports the T = 0 and T = 1 asynchronous protocols for smartcards as defined in
the ISO/IEC 7816-3 standard
0.5 and 1.5 stop bits for Smartcard operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More