Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BC807-25QA Datasheet(PDF) 2 Page - Nexperia B.V. All rights reserved

No. de pieza BC807-25QA
Descripción Electrónicos  45 V, 500 mA NPN general-purpose transistors
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NEXPERIA [Nexperia B.V. All rights reserved]
Página de inicio  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

BC807-25QA Datasheet(HTML) 2 Page - Nexperia B.V. All rights reserved

  BC807-25QA Datasheet HTML 1Page - Nexperia B.V. All rights reserved BC807-25QA Datasheet HTML 2Page - Nexperia B.V. All rights reserved BC807-25QA Datasheet HTML 3Page - Nexperia B.V. All rights reserved BC807-25QA Datasheet HTML 4Page - Nexperia B.V. All rights reserved BC807-25QA Datasheet HTML 5Page - Nexperia B.V. All rights reserved BC807-25QA Datasheet HTML 6Page - Nexperia B.V. All rights reserved BC807-25QA Datasheet HTML 7Page - Nexperia B.V. All rights reserved BC807-25QA Datasheet HTML 8Page - Nexperia B.V. All rights reserved BC807-25QA Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
© Nexperia B.V. 2017. All rights reserved
BC817-25QA_40QA
All information provided in this document is subject to legal disclaimers.
Product data sheet
Rev. 1 — 3 September 2013
2 of 15
Nexperia
BC817-25QA; BC817-40QA
45 V, 500 mA NPN general-purpose transistors
2.
Pinning information
3.
Ordering information
4.
Marking
Table 3.
Pinning
Pin
Symbol Description
Simplified outline
Graphic symbol
1
B
base
2E
emitter
3
C
collector
4
C
collector
sym123
C
E
B
Table 4.
Ordering information
Type
number
Package
Name
Description
Version
BC817-25QA DFN1010D-3 plastic thermal enhanced ultra thin small outline
package; no leads; 3 terminals;
body: 1.1
 1.0  0.37 mm
SOT1215
BC817-40QA
Table 5.
Marking codes
Type number
Marking code
BC817-25QA
11 01 00
BC817-40QA
10 11 00
Fig 1.
DFN1010D-3 (SOT1215) binary marking code description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com