Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BC807-25QA Datasheet(PDF) 3 Page - Nexperia B.V. All rights reserved

No. de pieza BC807-25QA
Descripción Electrónicos  45 V, 500 mA NPN general-purpose transistors
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NEXPERIA [Nexperia B.V. All rights reserved]
Página de inicio  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

BC807-25QA Datasheet(HTML) 3 Page - Nexperia B.V. All rights reserved

  BC807-25QA Datasheet HTML 1Page - Nexperia B.V. All rights reserved BC807-25QA Datasheet HTML 2Page - Nexperia B.V. All rights reserved BC807-25QA Datasheet HTML 3Page - Nexperia B.V. All rights reserved BC807-25QA Datasheet HTML 4Page - Nexperia B.V. All rights reserved BC807-25QA Datasheet HTML 5Page - Nexperia B.V. All rights reserved BC807-25QA Datasheet HTML 6Page - Nexperia B.V. All rights reserved BC807-25QA Datasheet HTML 7Page - Nexperia B.V. All rights reserved BC807-25QA Datasheet HTML 8Page - Nexperia B.V. All rights reserved BC807-25QA Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
© Nexperia B.V. 2017. All rights reserved
BC817-25QA_40QA
All information provided in this document is subject to legal disclaimers.
Product data sheet
Rev. 1 — 3 September 2013
3 of 15
Nexperia
BC817-25QA; BC817-40QA
45 V, 500 mA NPN general-purpose transistors
5.
Limiting values
[1]
Device mounted on an FR4 Printed-Circuit Board (PCB), single-sided copper, tin-plated and standard
footprint.
[2]
Device mounted on an FR4 PCB, 4-layer copper, tin-plated and standard footprint.
[3]
Device mounted on an FR4 PCB, single-sided copper, tin-plated mounting pad for collector 1 cm2.
[4]
Device mounted on an FR4 PCB, 4-layer copper, tin-plated mounting pad for collector 1 cm2.
Table 6.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
VCBO
collector-base voltage
open emitter
-
50
V
VCEO
collector-emitter voltage
open base
-
45
V
VEBO
emitter-base voltage
open collector
-
5
V
IC
collector current
-
500
mA
ICM
peak collector current
single pulse; tp  1ms
-
1
A
IBM
peak base current
single pulse; tp  1ms
-
200
mA
Ptot
total power dissipation
Tamb  25 C
[1] -300
mW
[2] -500
mW
[3] -560
mW
[4]
900
mW
Tj
junction temperature
-
150
C
Tamb
ambient temperature
55
+150
C
Tstg
storage temperature
65
+150
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com