| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
HC705JB2GRS/H Datasheet(PDF) 73 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
HC705JB2GRS/H Datasheet(HTML) 73 Page - NXP Semiconductors |
|
73 / 128 page ![]() August 28, 1998 GENERAL RELEASE SPECIFICATION UNIVERSAL SERIAL BUS MODULE REV 1.1 10-5 Figure 10-5. SOP, Sync Signaling and Voltage Levels 10.2.1.2 Packet Identifier Field The Packet Identifier field is an eight bit number comprised of the four bit packet identification (PID) and its complement. The field follows the sync pattern and determines the direction and type of transaction on the bus. Table 10-1 shows the PID values for the supported packet types. Table 10-1. Supported Packet Identifiers 10.2.1.3 Address Field (ADDR) The Address field is a seven bit number that is used to select a particular USB device. This field is compared to the lower seven bits of the UADDR register to determine if a given transaction is targeting the MC68HC705JB2 USB device. PID Value PID Type %1001 IN Token %0001 OUT Token %1101 SETUP Token %0011 DATA0 Packet %1011 DATA1 Packet %0010 ACK Handshake %1010 NAK Handshake %1110 STALL Handshake END OF SYNC FIRST BIT OF PACKET SOP BUS IDLE VOH (min) VSE (max) VSE (min) VOL (min) VSS Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |