Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

RHFL4913ESY331 Datasheet(PDF) 4 Page - STMicroelectronics

No. de pieza RHFL4913ESY331
Descripción Electrónicos  Rad-hard positive fixed voltage regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RHFL4913ESY331 Datasheet(HTML) 4 Page - STMicroelectronics

  RHFL4913ESY331 Datasheet HTML 1Page - STMicroelectronics RHFL4913ESY331 Datasheet HTML 2Page - STMicroelectronics RHFL4913ESY331 Datasheet HTML 3Page - STMicroelectronics RHFL4913ESY331 Datasheet HTML 4Page - STMicroelectronics RHFL4913ESY331 Datasheet HTML 5Page - STMicroelectronics RHFL4913ESY331 Datasheet HTML 6Page - STMicroelectronics RHFL4913ESY331 Datasheet HTML 7Page - STMicroelectronics RHFL4913ESY331 Datasheet HTML 8Page - STMicroelectronics RHFL4913ESY331 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
3
Maximum ratings
Table 2. Recommended maximum operating ratings
Symbol
Parameter
Value
Unit
VI
DC input voltage, VI - VGROUND
14
V
IO
Output current ( RHFL4913S, ESY)
3
A
Output current ( RHFL4913KP)
2
PD
TC = 25 °C power dissipation (KP, S version)
15
W
TC = 25 °C power dissipation (ESY version)
10
TSTG
Storage temperature range
-65 to +150
°C
TOP
Operating junction temperature range
-55 to +150
°C
TJ
Junction temperature (1)
+150
°C
ESD
Electrostatic discharge capability
Class 3
1. Internally limited to about maximum +175 °C by thermal shutdown circuit.
Note:
Exceeding maximum ratings may damage the device.
Table 3. Thermal data
Symbol
Parameter
FLAT-16P
TO-257
SMD.5
Unit
RthJC
Thermal resistance junction-case max.
8.3
12.5
8.3
°C/W
TSOLD
Maximum soldering temperature, 10 s
300
°C
RHFL4913XX25, RHFL4913XX33, RHFL4913XX50
Maximum ratings
DS3260 - Rev 15
page 4/20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com