Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

RHFL4913ESY331 Datasheet(PDF) 6 Page - STMicroelectronics

No. de pieza RHFL4913ESY331
Descripción Electrónicos  Rad-hard positive fixed voltage regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RHFL4913ESY331 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button RHFL4913ESY331 Datasheet HTML 2Page - STMicroelectronics RHFL4913ESY331 Datasheet HTML 3Page - STMicroelectronics RHFL4913ESY331 Datasheet HTML 4Page - STMicroelectronics RHFL4913ESY331 Datasheet HTML 5Page - STMicroelectronics RHFL4913ESY331 Datasheet HTML 6Page - STMicroelectronics RHFL4913ESY331 Datasheet HTML 7Page - STMicroelectronics RHFL4913ESY331 Datasheet HTML 8Page - STMicroelectronics RHFL4913ESY331 Datasheet HTML 9Page - STMicroelectronics RHFL4913ESY331 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
Symbol
Parameter
Test conditions
Min.
Typ. Max.
Unit
Vd
Dropout voltage
IO = 400 mA, TJ = -55 °C
300
400
mV
IO = 400 mA, TJ = +25 °C
350
450
IO = 400 mA, TJ = +125 °C
450
550
IO = 1 A, TJ = -55 °C
550
IO = 1 A, TJ = +25 °C
650
IO = 1 A, TJ = +125 °C
800
IO = 2 A, TJ = +25 °C
750
IO = 2 A, TJ = +125 °C
950
VINH(ON) Inhibit voltage
IO = 5 mA, TJ = -55 to +125 °C
0.8
V
VINH(OFF) Inhibit voltage
IO = 5 mA, TJ = -55 to +125 °C
2.4
SVR
Supply voltage rejection (1)
VI = VO + 2.5 V ± 1 V,
IO = 5 mA
f = 120 Hz
60
70
dB
VI = VO + 2.5 V ± 1 V,
IO = 5 mA
f = 33 kHz
30
40
ISH
Shutdown input current
VINH = 5 V
15
µA
VOCM
OCM pin voltage
Sinked IOCM = 24 mA active low
0.38
V
tPLH
tPHL
Inhibit propagation delay (1)
VI = VO + 2.5 V,
VINH = 2.4 V,
IO = 400 mA,
ON-OFF
20
µs
OFF-ON
100
µs
eN
Output noise voltage (1)
B = 10 Hz to 100 kHz,
IO = 5 mA to 2 A
40
µVrms
1. These values are guaranteed by design. For each application it is strongly recommended to comply with the maximum
current limit of the package used.
Figure 4. Application diagram for remote sensing operation
RHFL4913XX25, RHFL4913XX33, RHFL4913XX50
Electrical characteristics
DS3260 - Rev 15
page 6/20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com