| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
L7805CV Datasheet(PDF) 30 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L7805CV Datasheet(HTML) 30 Page - STMicroelectronics |
|
30 / 55 page ![]() 7 Typical performance Figure 29. Dropout voltage vs junction temperature VI-Vo (V) -75 2 -50 -25 0 25 50 75 100 125 Tj (°C) L78XX GAMG200920161325MT 0 1.5 1 0.5 I O = 1 A I = 500 mA I = 200 mA I = 20 mA I = 0 mA ∆VO = 5% of VO DROPOUT CONDITIONS O O O O Figure 30. Peak output current vs input/output differential voltage Io(A) 0 2.5 2 5 10 15 20 25 Vi-VO (V) L7805 GAMG200920161324MT 1.5 1 0.5 Tj = 55 °C Tj = 0 °C Tj = 125 °C Tj = 150 °C Tj = 25 °C Figure 31. Supply voltage rejection vs frequency Vi = 8 V to 18 V Vo = 5 V Tj = 25 °C Io = 500 mA L7805 SVR (dB) 20 0 10 102 103 104 f (Hz) GAMG200920161322MT 40 60 80 Figure 32. Output voltage vs junction temperature Vo (V) -75 12.1 12.0 -50 -25 0 25 50 75 100 125 Tj (°C) Vi = 19 V Vo = 12 V Io = 20 mA L7812 GAMG200920161323MT 11.9 11.8 L78 Typical performance DS0422 - Rev 36 page 30/55 |