| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
L7805CV Datasheet(PDF) 16 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L7805CV Datasheet(HTML) 16 Page - STMicroelectronics |
|
16 / 55 page ![]() Refer to the test circuits, TJ = 0 to 125 °C, VI = 14.5 V, IO = 500 mA, CI = 0.33 µF, CO = 0.1 µF unless otherwise specified. Table 13. Electrical characteristics of L7885C Symbol Parameter Test conditions Min. Typ. Max. Unit VO Output voltage TJ = 25 °C 8.2 8.5 8.8 V VO Output voltage IO = 5 mA to 1 A, VI = 11 to 21.5 V 8.1 8.5 8.9 V VO Output voltage IO = 1 A, VI = 21.5 to 26 V, TJ = 25 °C 8.1 8.5 8.9 V ∆VO (1) Line regulation VI = 11 to 27 V, TJ = 25 °C 160 mV VI = 11.5 to 17.5 V, TJ = 25 °C 80 ∆VO (1) Load regulation IO = 5 mA to 1.5 A, TJ = 25 °C 160 mV IO = 250 to 750 mA, TJ = 25 °C 80 Id Quiescent current TJ = 25 °C 8 mA ∆Id Quiescent current change IO = 5 mA to 1 A 0.5 mA VI = 11 to 26 V 1 ∆VO/∆T Output voltage drift IO = 5 mA -0.8 mV/°C eN Output noise voltage B = 10 Hz to 100 kHz, TJ = 25 °C 55 µV/VO SVR Supply voltage rejection VI = 12 to 22 V, f = 120 Hz 56 dB Vd Dropout voltage IO = 1 A, TJ = 25 °C 2 V RO Output resistance f = 1 kHz 16 mΩ Isc Short circuit current VI = 35 V, TJ = 25 °C 0.45 A Iscp Short circuit peak current TJ = 25 °C 2.2 A 1. Load and line regulation are specified at constant junction temperature. Changes in VO due to heating effects must be taken into account separately. Pulse testing with low duty cycle is used. Note: Minimum load current for regulation is 5 mA. L78 Electrical characteristics DS0422 - Rev 36 page 16/55 |