Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

APV2002 Datasheet(PDF) 2 Page - Anpec Electronics Coropration

No. de pieza APV2002
Descripción Electrónicos  Crystal Oscillator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ANPEC [Anpec Electronics Coropration]
Página de inicio  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APV2002 Datasheet(HTML) 2 Page - Anpec Electronics Coropration

  APV2002 Datasheet HTML 1Page - Anpec Electronics Coropration APV2002 Datasheet HTML 2Page - Anpec Electronics Coropration APV2002 Datasheet HTML 3Page - Anpec Electronics Coropration APV2002 Datasheet HTML 4Page - Anpec Electronics Coropration APV2002 Datasheet HTML 5Page - Anpec Electronics Coropration APV2002 Datasheet HTML 6Page - Anpec Electronics Coropration APV2002 Datasheet HTML 7Page - Anpec Electronics Coropration APV2002 Datasheet HTML 8Page - Anpec Electronics Coropration APV2002 Datasheet HTML 9Page - Anpec Electronics Coropration  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Copyright  ANPEC Electronics Corp.
Rev. A.3 - Nov., 2002
APV2002
www.anpec.com.tw
2
APV2002
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
Operating condition
VDD
Supply Voltage
4.5
5
5.5
V
Ambient Temperature
-40
85
°C
DC characteristics
Freq
Crystal Frequency
0.5
60
MHz
IDD
Operating Current
Crystal 50MHz , C
L = 50pF
20
mA
VIN
Input Voltage
-0.5
VDD+0.5V
VOUT
Output Voltage
-0.5
VDD+0.5V
AC characteristics
Duty
Waveform Symmetry
40
50
60
%
Tr
Rise Time
0.5V to 4.5V , C
L = 50pF
3
ns
Tf
Fall Time
4.5V to 0.5V , C
L = 50pF
3
ns
Electrical Characteristics
Pin
S y m bol
Fun c tio n
1
X T B
C ry s tal driv e
2
S 0 (N o te 1 )
F requ en c y s e le c t p in1
3
S 1
F requ en c y s e le c t p in2
4
GN D
G ro u n d
5
Q O
F re q u e n c y output
6
V D D
P ow er
7
O E (N o te 2 )
O utpu t e nab le
8
X T
C rysta l fe e d b a ck
N o te1 : P lea s e re fe r frequ enc y s e le c tor
N o te2 : H igh o r no c onnec tion : e nable , Low : dis a ble
Pin Description
The following specifications apply for VDD = 5V unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com