Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

APV2002 Datasheet(PDF) 8 Page - Anpec Electronics Coropration

No. de pieza APV2002
Descripción Electrónicos  Crystal Oscillator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ANPEC [Anpec Electronics Coropration]
Página de inicio  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APV2002 Datasheet(HTML) 8 Page - Anpec Electronics Coropration

  APV2002 Datasheet HTML 1Page - Anpec Electronics Coropration APV2002 Datasheet HTML 2Page - Anpec Electronics Coropration APV2002 Datasheet HTML 3Page - Anpec Electronics Coropration APV2002 Datasheet HTML 4Page - Anpec Electronics Coropration APV2002 Datasheet HTML 5Page - Anpec Electronics Coropration APV2002 Datasheet HTML 6Page - Anpec Electronics Coropration APV2002 Datasheet HTML 7Page - Anpec Electronics Coropration APV2002 Datasheet HTML 8Page - Anpec Electronics Coropration APV2002 Datasheet HTML 9Page - Anpec Electronics Coropration  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
Copyright  ANPEC Electronics Corp.
Rev. A.3 - Nov., 2002
APV2002
www.anpec.com.tw
8
Carrier Tape
A
J
B
T2
T1
C
t
Ao
E
W
Po
P
Ko
Bo
D1
D
F
P1
Application
A
B
C
J
T1
T2
W
P
E
330
± 1
62 +1.5
12.75+
0.15
2
± 0.5
12.4
± 0.2
2
± 0.2
12
± 0. 3
8
± 0.1
1.75
±0.1
F
D
D1
Po
P1
Ao
Bo
Ko
t
SOP- 8
5.5
± 1
1.55 +0.1 1.55+ 0.25 4.0
± 0.1 2.0 ± 0.1 6.4 ± 0.1 5.2± 0. 1
2.1
± 0.1 0.3±0.013
Reliability test program
(mm)
Test item
Method
Description
SOLDERABILITY
MIL-STD-883D-2003
245
°C, 5 SEC
HOLT
MIL-STD-883D-1005.7
1000 Hrs Bias @125
°C
PCT
JESD-22-B,A102
168 Hrs, 100
%RH, 121°C
TST
MIL-STD-883D-1011.9
-65
°C~150°C, 200 Cycles
ESD
MIL-STD-883D-3015.7
VHBM > 2KV, VMM > 200V
Latch-Up
JESD 78
10ms, 1tr > 100mA



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com