Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

WFP830 Datasheet(PDF) 7 Page - Wisdom technologies Int`l

No. de pieza WFP830
Descripción Electrónicos  N-Channel MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  WISDOM [Wisdom technologies Int`l]
Página de inicio  http://www.wisdom-technologies.com/index.aspx
Logo WISDOM - Wisdom technologies Int`l

WFP830 Datasheet(HTML) 7 Page - Wisdom technologies Int`l

  WFP830 Datasheet HTML 1Page - Wisdom technologies Int`l WFP830 Datasheet HTML 2Page - Wisdom technologies Int`l WFP830 Datasheet HTML 3Page - Wisdom technologies Int`l WFP830 Datasheet HTML 4Page - Wisdom technologies Int`l WFP830 Datasheet HTML 5Page - Wisdom technologies Int`l WFP830 Datasheet HTML 6Page - Wisdom technologies Int`l WFP830 Datasheet HTML 7Page - Wisdom technologies Int`l  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
Dim.
mm
Inch
Min.
Typ.
Max.
Min.
Typ.
Max.
A
9.7
10.1
0.382
0.398
B
6.3
6.7
0.248
0.264
C
9.0
9.47
0.354
0.373
D
12.8
13.3
0.504
0.524
E
1.2
1.4
0.047
0.055
F
1.7
0.067
G
2.5
0.098
H
3.0
3.4
0.118
0.134
I
1.25
1.4
0.049
0.055
J
2.4
2.7
0.094
0.106
K
5.0
5.15
0.197
0.203
L
2.2
2.6
0.087
0.102
M
1.25
1.55
0.049
0.061
N
0.45
0.6
0.018
0.024
O
0.6
1.0
0.024
0.039
Ø
3.6
0.142
TO-220 Package Dimension
1. Gate
2. Drain
3. Source
A
B
C
I
G
L
1
M
E
F
φ
H
K
N
O
2
3
J
D



Html Pages

1 2 3 4 5 6 7