Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

WFP50N06 Datasheet(PDF) 2 Page - Wisdom technologies Int`l

No. de pieza WFP50N06
Descripción Electrónicos  N-Channel MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  WISDOM [Wisdom technologies Int`l]
Página de inicio  http://www.wisdom-technologies.com/index.aspx
Logo WISDOM - Wisdom technologies Int`l

WFP50N06 Datasheet(HTML) 2 Page - Wisdom technologies Int`l

  WFP50N06 Datasheet HTML 1Page - Wisdom technologies Int`l WFP50N06 Datasheet HTML 2Page - Wisdom technologies Int`l WFP50N06 Datasheet HTML 3Page - Wisdom technologies Int`l WFP50N06 Datasheet HTML 4Page - Wisdom technologies Int`l WFP50N06 Datasheet HTML 5Page - Wisdom technologies Int`l WFP50N06 Datasheet HTML 6Page - Wisdom technologies Int`l WFP50N06 Datasheet HTML 7Page - Wisdom technologies Int`l  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Electrical Characteristics ( TC = 25 °C unless otherwise noted )
Symbol
Parameter
Test Conditions
Min
Typ
Max
Units
Off Characteristics
BVDSS
Drain-Source Breakdown Voltage
VGS = 0V, ID = 250uA
60
-
-
V
Δ
BVDSS/
Δ
TJ
Breakdown Voltage Temperature
coefficient
ID = 250uA, referenced to 25 °C
-0.07
-
V/°C
IDSS
Drain-Source Leakage Current
VDS = 60V, VGS = 0V
--
10
uA
VDS = 48V, TC = 125 °C
--
100
uA
IGSS
Gate-Source Leakage, Forward
VGS = 20V, VDS = 0V
--
100
nA
Gate-source Leakage, Reverse
VGS = -20V, VDS = 0V
-
-
-100
nA
On Characteristics
VGS(th)
Gate Threshold Voltage
VDS = VGS, ID = 250uA
2.0
-
4.0
V
RDS(ON)
Static Drain-Source On-state Resis-
tance
VGS =10 V, ID = 25.0A
-
0.018
0.022
Dynamic Characteristics
Ciss
Input Capacitance
VGS =0 V, VDS =25V, f = 1MHz
-
1050
1365
pF
Coss
Output Capacitance
-
460
600
Crss
Reverse Transfer Capacitance
-
70
90
Dynamic Characteristics
td(on)
Turn-on Delay Time
VDD =30V, ID =25.0A, RG =25Ω
(Note 4, 5)
-
20
50
ns
tr
Rise Time
-
100
210
td(off)
Turn-off Delay Time
-
80
170
tf
Fall Time
-
85
180
Qg
Total Gate Charge
VDS =48V, VGS =10V, ID =50A
(Note 4, 5)
-
32
42
nC
Qgs
Gate-Source Charge
-
8-
Qgd
Gate-Drain Charge(Miller Charge)
-
12
-
Source-Drain Diode Ratings and Characteristics
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit.
IS
Continuous Source Current
Integral Reverse p-n Junction
Diode in the MOSFET
--
50
A
ISM
Pulsed Source Current
-
-
200
VSD
Diode Forward Voltage
IS =50A, VGS =0V
-
-
1.5
V
trr
Reverse Recovery Time
IS=50A, VGS=0V, dIF/dt=100A/us
-50
-
ns
Qrr
Reverse Recovery Charge
-
70
-
uC
WFP50N06
NOTES
1. Repeativity rating : pulse width limited by junction temperature
2. L = 230uH, IAS =50A, VDD = 25V, RG = 25Ω , Starting TJ = 25°C
3. ISD ≤ 50A, di/dt ≤ 300A/us, VDD ≤ BVDSS, Starting TJ = 25°C
4. Pulse Test : Pulse Width ≤ 300us, Duty Cycle ≤ 2%
5. Essentially independent of operating temperature.
Copyright@Wisdom Semiconductor Inc., All rights reserved.



Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com