Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

18N60M2 Datasheet(PDF) 5 Page - STMicroelectronics

No. de pieza 18N60M2
Descripción Electrónicos  N-channel 600 V, 0.255 typ., 13 A MDmesh M2 Power MOSFET in a TO-220FP ultra narrow leads package
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

18N60M2 Datasheet(HTML) 5 Page - STMicroelectronics

  18N60M2 Datasheet HTML 1Page - STMicroelectronics 18N60M2 Datasheet HTML 2Page - STMicroelectronics 18N60M2 Datasheet HTML 3Page - STMicroelectronics 18N60M2 Datasheet HTML 4Page - STMicroelectronics 18N60M2 Datasheet HTML 5Page - STMicroelectronics 18N60M2 Datasheet HTML 6Page - STMicroelectronics 18N60M2 Datasheet HTML 7Page - STMicroelectronics 18N60M2 Datasheet HTML 8Page - STMicroelectronics 18N60M2 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
2.1
Electrical characteristics (curves)
Figure 1. Safe operating area
ID
1
0.1
0.01
0.1
1
100
VDS(V)
10
(A)
Operation
in
this
area
is
Limited
by
max
R
DS(on)
10µs
100µs
1ms
10ms
Tj=150°C
Tc=25°C
Single
pulse
10
AM15834v1
Figure 2. Thermal impedance
GC20940
10 -1
10 -2
10 -3
10 -4
10 -3
10 -2
10 -1
10 0
K
t p (s)
Figure 3. Output characteristics
ID
15
10
5
0
0
10
VDS(V)
(A)
5
15
20
4V
5V
6V
VGS=7, 8, 9, 10V
20
25
30
AM15837v1
Figure 4. Transfer characteristics
ID
10
0
0
4
VGS(V)
8
(A)
2
6
20
30
VDS = 18V
10
5
15
25
AM15838v1
Figure 5. Gate charge vs gate-source voltage
VGS
6
4
2
0
0
Qg (nC)
(V)
5
8
10
300
200
100
0
400
VDS
10
500
VDS
(V)
VDD = 480 V
ID = 13 A
15
20
25
12
AM15839v1
Figure 6. Static drain-source on-resistance
RDS(on)
0.260
0.255
0.250
0.245
0
2
ID(A)
(Ω)
0.265
4
VGS=10V
0.270
6
8
10
12
AM15840v1
STFU18N60M2
Electrical characteristics (curves)
DS10930 - Rev 3
page 5/12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com