Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

UPSD3313D-40T6T Datasheet(PDF) 100 Page - STMicroelectronics

No. de pieza UPSD3313D-40T6T
Descripción Electrónicos  Fast 8032 MCU with Programmable Logic
PDF  231 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UPSD3313D-40T6T Datasheet(HTML) 100 Page - STMicroelectronics

Back Button UPSD3313D-40T6T Datasheet HTML 96Page - STMicroelectronics UPSD3313D-40T6T Datasheet HTML 97Page - STMicroelectronics UPSD3313D-40T6T Datasheet HTML 98Page - STMicroelectronics UPSD3313D-40T6T Datasheet HTML 99Page - STMicroelectronics UPSD3313D-40T6T Datasheet HTML 100Page - STMicroelectronics UPSD3313D-40T6T Datasheet HTML 101Page - STMicroelectronics UPSD3313D-40T6T Datasheet HTML 102Page - STMicroelectronics UPSD3313D-40T6T Datasheet HTML 103Page - STMicroelectronics UPSD3313D-40T6T Datasheet HTML 104Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 231 page
background image
uPSD33xx
100/231
I2C Interface Control Register (S1CON)
Table 50. Serial Control Register S1CON (SFR DCh, Reset Value 00h)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
CR2
ENI1
STA
STO
ADDR
AA
CR[1:0]
Details
Bit
Symbol
R/W
Function
7CR2
R,W
This bit, along with bits CR1 and CR0, determine the SCL clock
frequency (fSCL) when SIOE is in Master mode. These bits create a clock
divisor for fOSC. See Table 51.
6ENI1
R,W
I2C Interface Enable
0 = SIOE disabled, 1 = SIOE enabled. When disabled, both SDA and
SCL signals are in high impedance state.
5STA
R,W
START flag.
When set, Master mode is entered and SIOE generates a START
condition only if the I2C bus is not busy. When a START condition is
detected on the bus, the STA flag is cleared by hardware. When the STA
bit is set during an interrupt service, the START condition will be
generated after the interrupt service.
4STO
R,W
STOP flag
When STO is set in Master mode, the SIOE generates a STOP condition.
When a STOP condition is detected, the STO flag is cleared by
hardware. When the STO bit is set during an interrupt service, the STOP
condition will be generated after the interrupt service.
3ADDR
R,W
This bit is set when an address byte received in Slave mode matches the
device address programmed into the S1ADR register. The ADDR bit
must be cleared with firmware.
2AA
R,W
Assert Acknowledge enable
If AA = 1, an acknowledge signal (low on SDA) is automatically returned
during the acknowledge bit-time on the SCL line when any of the
following three events occur:
1.
SIOE in Slave mode receives an address that matches contents of
S1ADR register
2.
A data byte has been received while SIOE is in Master Receiver
mode
3.
A data byte has been received while SIOE is a selected Slave
Receiver
When AA = 0, no acknowledge is returned (high on SDA during acknowl-
edge bit-time).
1, 0
CR1, CR0
R,W
These bits, along with bit CR2, determine the SCL clock frequency (fSCL)
when SIOE is in Master mode. These bits create a clock divisor for fOSC.
See Table 51 for values.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com