Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

STGIF5CH60TS-LZ Datasheet(PDF) 23 Page - STMicroelectronics

No. de pieza STGIF5CH60TS-LZ
Descripción Electrónicos  SLLIMM - 2nd series IPM, 3-phase inverter, 8 A, 600 V, short‑circuit rugged IGBT
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGIF5CH60TS-LZ Datasheet(HTML) 23 Page - STMicroelectronics

Back Button STGIF5CH60TS-LZ Datasheet HTML 16Page - STMicroelectronics STGIF5CH60TS-LZ Datasheet HTML 17Page - STMicroelectronics STGIF5CH60TS-LZ Datasheet HTML 18Page - STMicroelectronics STGIF5CH60TS-LZ Datasheet HTML 19Page - STMicroelectronics STGIF5CH60TS-LZ Datasheet HTML 20Page - STMicroelectronics STGIF5CH60TS-LZ Datasheet HTML 21Page - STMicroelectronics STGIF5CH60TS-LZ Datasheet HTML 22Page - STMicroelectronics STGIF5CH60TS-LZ Datasheet HTML 23Page - STMicroelectronics STGIF5CH60TS-LZ Datasheet HTML 24Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 23 / 24 page
background image
Contents
1
Internal schematic and pin description .............................................2
2
Absolute maximum ratings ........................................................4
2.1
Thermal data .................................................................. 5
3
Electrical characteristics...........................................................6
3.1
Inverter parts .................................................................. 6
3.2
Control/protection parts ......................................................... 8
4
Fault management ................................................................10
4.1
Smart shutdown function ....................................................... 12
5
Temperature monitoring solutions ................................................14
5.1
TSO output................................................................... 14
5.2
NTC thermistor ............................................................... 14
6
Application circuit example .......................................................16
6.1
Guidelines ................................................................... 17
7
Electrical characteristics (curves).................................................18
8
Package information..............................................................20
8.1
SDIP2F-26L type L package information .......................................... 20
Revision history .......................................................................22
STGIF5CH60TS-LZ
Contents
DS13924 - Rev 1
page 23/24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com