Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MX29LA129MH Datasheet(PDF) 3 Page - Macronix International

No. de pieza MX29LA129MH
Descripción Electrónicos  128M-BIT SINGLE VOLTAGE 3V ONLY UNIFORM SECTOR FLASH MEMORY
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MCNIX [Macronix International]
Página de inicio  http://www.macronix.com
Logo MCNIX - Macronix International

MX29LA129MH Datasheet(HTML) 3 Page - Macronix International

  MX29LA129MH Datasheet HTML 1Page - Macronix International MX29LA129MH Datasheet HTML 2Page - Macronix International MX29LA129MH Datasheet HTML 3Page - Macronix International MX29LA129MH Datasheet HTML 4Page - Macronix International MX29LA129MH Datasheet HTML 5Page - Macronix International MX29LA129MH Datasheet HTML 6Page - Macronix International MX29LA129MH Datasheet HTML 7Page - Macronix International MX29LA129MH Datasheet HTML 8Page - Macronix International MX29LA129MH Datasheet HTML 9Page - Macronix International Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 71 page
background image
3
P/N:PM1171
REV. 1.0, FEB. 27, 2006
MX29LA129M H/L
PIN CONFIGURATION
56 TSOP
SYMBOL
PIN NAME
A0
Byte-Select Address
A1~A23
Address Input
Q0~Q15
Data Inputs/Outputs
CE0~CE2
Chip Enable Input
WE#
Write Enable Input
OE#
Output Enable Input
RESET#
Hardware Reset Pin, Active Low
WP#/ACC Hardware Write Protect/Programming
Acceleration input
RY/BY#
Read/Busy Output
BYTE#
Selects 8 bit or 16 bit mode
VCC
+3.0V single power supply
VI/O
Output Buffer Power (2.7V~3.6V this
input should be tied directly to VCC )
GND
Device Ground
NC
Pin Not Connected Internally
PIN DESCRIPTION
LOGIC SYMBOL
Chip Enable Truth Table
CE2
CE1
CE0
DEVICE
VIL
VIL
VIL
Enabled
VIL
VIL
VIH
Disabled
VIL
VIH
VIL
Disabled
VIL
VIH
VIH
Disabled
VIH
VIL
VIL
Enabled
VIH
VIL
VIH
Enabled
VIH
VIH
VIL
Enabled
VIH
VIH
VIH
Disabled
Note: For Single-chip applications, CE2 and CE1 can be
strapped to GND.
16 or 8
Q0-Q15
RY/BY#
A0-A23
CEx
OE#
WE#
RESET#
WP#/ACC
BYTE#
VI/O
24
A22
CE1
A21
A20
A19
A18
A17
A16
VCC
A15
A14
A13
A12
CE0
WP#/ACC
RESET#
A11
A10
A9
A8
GND
A7
A6
A5
A4
A3
A2
A1
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
NC
WE#
OE#
RY/BY#
Q15
Q7
Q14
Q6
GND
Q13
Q5
Q12
Q4
VI/O
GND
Q11
Q3
Q10
Q2
VCC
Q9
Q1
Q8
Q0
A0
BYTE#
A23
CE2
56
55
54
53
52
51
50
49
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com