Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MX29LA129MH Datasheet (PDF) - Macronix International

MX29LA129MH Datasheet PDF - Macronix International
No. de pieza MX29LA129MH
Descarga  MX29LA129MH Descarga
Tamaño del archivo   397.07 Kbytes
Page   71 Pages
Fabricante Electrónico  MCNIX [Macronix International]
Página de inicio  http://www.macronix.com
Logo MCNIX - Macronix International
Descripción Electrónicos 128M-BIT SINGLE VOLTAGE 3V ONLY UNIFORM SECTOR FLASH MEMORY

MX29LA129MH Datasheet (PDF)

Go To PDF Page Descarga Datasheet
MX29LA129MH Datasheet PDF - Macronix International

No. de pieza MX29LA129MH
Descarga  MX29LA129MH Click to download

Tamaño del archivo   397.07 Kbytes
Page   71 Pages
Fabricante Electrónico  MCNIX [Macronix International]
Página de inicio  http://www.macronix.com
Logo MCNIX - Macronix International
Descripción Electrónicos 128M-BIT SINGLE VOLTAGE 3V ONLY UNIFORM SECTOR FLASH MEMORY

MX29LA129MH Datasheet (HTML) - Macronix International


MX29LA129MH Detalles de producto

GENERAL DESCRIPTION
The MX29LA129M H/L is a 128-mega bit Flash memory organized as 16M bytes of 8 bits or 8M words of 16 bits. MXICs Flash memories offer the most cost-effective and reliable read/write non-volatile random access memory. The MX29LA129M H/L is packaged in 56-pin TSOP. It is designed to be reprogrammed and erased in system or in standard EPROM programmers.

FEATURES
GENERAL FEATURES
• Single Power Supply Operation
    - 2.7 to 3.6 volt for read, erase, and program operations
• Configuration
    - 16,777,216 x 8 / 8,388,608 x 16 switchable
• Sector structure
    - 64KB(32KW) x 256
• Latch-up protected to 250mA from -1V to VCC + 1V
• Low VCC write inhibit is equal to or less than 1.5V
• Compatible with JEDEC standard
    - Pin-out and software compatible to single power supply Flash

PERFORMANCE
• High Performance
    - Fast access time: 90R/100ns
    - Page read time: 25ns
    - Sector erase time: 0.5s (typ.)
    - 4 word/8 byte page read buffer
    - 16 word/ 32 byte write buffer: reduces programming time for multiple-word/byte updates
• Low Power Consumption
    - Active read current: 18mA(typ.)
    - Active write current: 20mA(typ.)
    - Standby current: 20uA(typ.)
• Minimum 100,000 erase/program cycle
• 20-years data retention

SOFTWARE FEATURES
• Support Common Flash Interface (CFI)
    - Flash device parameters stored on the device and provide the host system to access.
• Program Suspend/Program Resume
    - Suspend program operation to read other sectors
• Erase Suspend/ Erase Resume
    - Suspends sector erase operation to read data/program other sectors
• Status Reply
    - Data# polling & Toggle bits provide detection of program and erase operation completion

HARDWARE FEATURES
• Ready/Busy (RY/BY#) Output
    - Provides a hardware method of detecting program and erase operation completion
• Hardware Reset (RESET#) Input
    - Provides a hardware method to reset the internal state machine to read mode
• WP#/ACC input
    - Write protect (WP#) function allows protection of all sectors, regardless of sector protection settings
    - ACC (high voltage) accelerates programming time for higher throughput during system

SECURITY
• Sector Protection/Chip Unprotect
    - Provides sector group protect function to prevent program or erase operation in the protected sector group
    - Provides chip unprotect function to allow code changes
    - Provides temporary sector group unprotect function for code changes in previously protected sector groups
• Sector Permanent Lock
    - A unique lock bit feature allows the content to be permanently locked
      (Please contact Macronix sales for specific information regarding this permanent lock feature)
• Secured Silicon Sector
    - Provides a 128-word OTP area for permanent, secure identification
    - Can be programmed and locked at factory or by customer

PACKAGE
• 56-pin TSOP




Número de pieza similar - MX29LA129MH

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Macronix International
MX29LA128MB MCNIX-MX29LA128MB Datasheet
411Kb / 76P
128M-BIT SINGLE VOLTAGE 3V ONLY BOOT SECTOR FLASH MEMORY
MX29LA128MBTC-10 MCNIX-MX29LA128MBTC-10 Datasheet
411Kb / 76P
128M-BIT SINGLE VOLTAGE 3V ONLY BOOT SECTOR FLASH MEMORY
MX29LA128MBTC-90R MCNIX-MX29LA128MBTC-90R Datasheet
411Kb / 76P
128M-BIT SINGLE VOLTAGE 3V ONLY BOOT SECTOR FLASH MEMORY
MX29LA128MBTI-10 MCNIX-MX29LA128MBTI-10 Datasheet
411Kb / 76P
128M-BIT SINGLE VOLTAGE 3V ONLY BOOT SECTOR FLASH MEMORY
MX29LA128MBTI-90R MCNIX-MX29LA128MBTI-90R Datasheet
411Kb / 76P
128M-BIT SINGLE VOLTAGE 3V ONLY BOOT SECTOR FLASH MEMORY
More results


Descripción similar - MX29LA129MH

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Integrated Circuit Syst...
MX29LV033M ICST-MX29LV033M Datasheet
378Kb / 65P
32M-BIT SINGLE VOLTAGE 3V ONLY UNIFORM SECTOR FLASH MEMORY
REV. 0.02
logo
Macronix International
MX29LA128MT MCNIX-MX29LA128MT Datasheet
411Kb / 76P
128M-BIT SINGLE VOLTAGE 3V ONLY BOOT SECTOR FLASH MEMORY
MX29LA321MH MCNIX-MX29LA321MH Datasheet
510Kb / 66P
32M-BIT SINGLE VOLTAGE 3V ONLY UNIFORM SECTOR FLASH MEMORY
MX29LV64XMH MCNIX-MX29LV64XMH Datasheet
539Kb / 70P
64M-BIT SINGLE VOLTAGE 3V ONLY UNIFORM SECTOR FLASH MEMORY
MX29LV128MH MCNIX-MX29LV128MH Datasheet
394Kb / 71P
128M-BIT SINGLE VOLTAGE 3V ONLY UNIFORM SECTOR FLASH MEMORY
MX29LV320MH MCNIX-MX29LV320MH Datasheet
384Kb / 66P
32M-BIT SINGLE VOLTAGE 3V ONLY UNIFORM SECTOR FLASH MEMORY
MX29GL128E MCNIX-MX29GL128E_14 Datasheet
1Mb / 72P
SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29GL512E MCNIX-MX29GL512E Datasheet
1Mb / 69P
SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29GL512F MCNIX-MX29GL512F Datasheet
1Mb / 72P
SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX68GL1G0F MCNIX-MX68GL1G0F Datasheet
1Mb / 71P
SINGLE VOLTAGE 3V ONLY FLASH MEMORY
More results



Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com