Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

STM32G0B1VB Datasheet(PDF) 49 Page - STMicroelectronics

No. de pieza STM32G0B1VB
Descripción Electrónicos  Arm® Cortex®-M0 32-bit MCU, up to 512KB Flash, 144KB RAM, 6x USART, timers, ADC, DAC, comm. I/Fs, 1.7-3.6V
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32G0B1VB Datasheet(HTML) 49 Page - STMicroelectronics

Back Button STM32G0B1VB Datasheet HTML 45Page - STMicroelectronics STM32G0B1VB Datasheet HTML 46Page - STMicroelectronics STM32G0B1VB Datasheet HTML 47Page - STMicroelectronics STM32G0B1VB Datasheet HTML 48Page - STMicroelectronics STM32G0B1VB Datasheet HTML 49Page - STMicroelectronics STM32G0B1VB Datasheet HTML 50Page - STMicroelectronics STM32G0B1VB Datasheet HTML 51Page - STMicroelectronics STM32G0B1VB Datasheet HTML 52Page - STMicroelectronics STM32G0B1VB Datasheet HTML 53Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 159 page
background image
10
10
14
14 H11 20
20
F3
22
28
K4
PA3
I/O FT_ea
-
SPI2_MISO/I2S2_MCK, USART2_RX, TIM2_CH4,
UCPD2_FRSTX, TIM15_CH2, LPUART1_RX,
EVENTOUT
COMP2_INP2, ADC_IN3
-
-
15
15 G10 21
21
H4
2329L3
PA4
I/O
TT_a
-
SPI1_NSS/I2S1_WS, SPI2_MOSI/I2S2_SD,
USB_NOE, USART6_TX, TIM14_CH1,
LPTIM2_OUT, UCPD2_FRSTX, EVENTOUT,
SPI3_NSS
ADC_IN4, DAC1_OUT1,
RTC_OUT2
11
11
-
---
-
-
-
-
-
PA4
I/O
TT_a
-
SPI1_NSS/I2S1_WS, SPI2_MOSI/I2S2_SD,
USB_NOE, USART6_TX, TIM14_CH1,
LPTIM2_OUT, UCPD2_FRSTX, EVENTOUT,
SPI3_NSS
ADC_IN4, DAC1_OUT1,
TAMP_IN1, RTC_TS,
RTC_OUT1, WKUP2
12
12
16
16
F9
22
22 G4
24
30
M2
PA5
I/O TT_ea
-
SPI1_SCK/I2S1_CK, CEC, TIM2_CH1_ETR,
USART6_RX, USART3_TX, LPTIM2_ETR,
UCPD1_FRSTX, EVENTOUT
ADC_IN5, DAC1_OUT2
13
13
17
17
F7
23
23
F4
25
31
M3
PA6
I/O FT_ea
-
SPI1_MISO/I2S1_MCK, TIM3_CH1, TIM1_BKIN,
USART6_CTS, USART3_CTS, TIM16_CH1,
LPUART1_CTS, COMP1_OUT, I2C2_SDA,
I2C3_SDA
ADC_IN6
14
14
18
18
H9
24
24
E4
26
32
K5
PA7
I/O
FT_a
-
SPI1_MOSI/I2S1_SD, TIM3_CH2, TIM1_CH1N,
USART6_RTS_DE_CK, TIM14_CH1, TIM17_CH1,
UCPD1_FRSTX, COMP2_OUT, I2C2_SCL,
I2C3_SCL
ADC_IN7
-
-
-
-
G8
25
25
H5
27
33
L4
PC4
I/O
FT_a
-
USART3_TX, USART1_TX, TIM2_CH1_ETR,
FDCAN1_RX
COMP1_INM7, ADC_IN17
-
-
-
-
G6
26
26
H6
28
34
M4
PC5
I/O
FT_a
-
USART3_RX, USART1_RX, TIM2_CH2,
FDCAN1_TX
COMP1_INP0, ADC_IN18,
WKUP5
Table 12. Pin assignment and description (continued)
Pin number
Pin name
(function
upon reset)
Alternate
functions
Additional
functions