Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

STM32G0B1VB Datasheet(PDF) 47 Page - STMicroelectronics

No. de pieza STM32G0B1VB
Descripción Electrónicos  Arm® Cortex®-M0 32-bit MCU, up to 512KB Flash, 144KB RAM, 6x USART, timers, ADC, DAC, comm. I/Fs, 1.7-3.6V
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32G0B1VB Datasheet(HTML) 47 Page - STMicroelectronics

Back Button STM32G0B1VB Datasheet HTML 43Page - STMicroelectronics STM32G0B1VB Datasheet HTML 44Page - STMicroelectronics STM32G0B1VB Datasheet HTML 45Page - STMicroelectronics STM32G0B1VB Datasheet HTML 46Page - STMicroelectronics STM32G0B1VB Datasheet HTML 47Page - STMicroelectronics STM32G0B1VB Datasheet HTML 48Page - STMicroelectronics STM32G0B1VB Datasheet HTML 49Page - STMicroelectronics STM32G0B1VB Datasheet HTML 50Page - STMicroelectronics STM32G0B1VB Datasheet HTML 51Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 159 page
background image
Table 12. Pin assignment and description
Pin number
Pin name
(function
upon reset)
Alternate
functions
Additional
functions
-
-
-
-
-
64
64
A2
2
2
B2
PC10
I/O
FT
-
USART3_TX, USART4_TX, TIM1_CH3, SPI3_SCK
-
-
-
-
-
-
1
1
A1
3
3
B1
PC11
I/O
FT
-
USART3_RX, USART4_RX, TIM1_CH4, SPI3_MISO
-
--
--
-
-
--
-
4
C2
PE4
I/O
FT
-
TIM3_CH2
-
--
--
-
-
--
-
5
D3
PE5
I/O
FT
-
TIM3_CH3
-
-
-
-
-
-
-
-
-
-
6
C1
PE6
I/O
FT
-
TIM3_CH4
TAMP_IN3, WKUP3
--
--
-
2
2
B2
4
7
D2
PC12
I/O
FT
-
LPTIM1_IN1, UCPD1_FRSTX, TIM14_CH1,
USART5_TX, SPI3_MOSI
-
-
-
1
1
B11
3
3
C2
5
8
E3
PC13
I/O
FT
(1)(2)
TIM1_BKIN
TAMP_IN1, RTC_TS,
RTC_OUT1, WKUP2
--
2
2
B13
4
4
C1
6
9
D1
PC14-
OSC32_IN
I/O
FT
(1)(2)
TIM1_BKIN2
OSC32_IN
2
2
-
---
-
-
-
-
-
PC14-
OSC32_IN
I/O
FT
(1)(2)
TIM1_BKIN2
OSC32_IN, OSC_IN
33
33
C12
5
5
B1
7
10
E1
PC15-
OSC32_OUT
I/O
FT
(1)(2)
OSC32_EN, OSC_EN, TIM15_BKIN
OSC32_OUT
-
-
4
4
C10
6
6
D3
8
11
E2
VBAT
S
-
-
-
-
-
-
5
5
D11
7
7
D2
9
12
F2
VREF+
S
-
-
-
VREFBUF_OUT
4
4
6
6
D13
8
8
D1
10
13
F1
VDD/VDDA
S
-
-
-
-
5
5
7
7
E12
9
9
E1
11
14
G1
VSS/VSSA
S
-
-
-
-
-
-
8
8
F13 10
10
F1
12
15
H1
PF0-OSC_IN
I/O
FT
-
CRS1_SYNC, EVENTOUT, TIM14_CH1
OSC_IN