Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MPFS250T-FCVG784E Datasheet(PDF) 44 Page - Microchip Technology

No. de pieza MPFS250T-FCVG784E
Descripción Electrónicos  PolarFire SoC Advanced Datasheet
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MICROCHIP [Microchip Technology]
Página de inicio  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MPFS250T-FCVG784E Datasheet(HTML) 44 Page - Microchip Technology

Back Button MPFS250T-FCVG784E Datasheet HTML 40Page - Microchip Technology MPFS250T-FCVG784E Datasheet HTML 41Page - Microchip Technology MPFS250T-FCVG784E Datasheet HTML 42Page - Microchip Technology MPFS250T-FCVG784E Datasheet HTML 43Page - Microchip Technology MPFS250T-FCVG784E Datasheet HTML 44Page - Microchip Technology MPFS250T-FCVG784E Datasheet HTML 45Page - Microchip Technology MPFS250T-FCVG784E Datasheet HTML 46Page - Microchip Technology MPFS250T-FCVG784E Datasheet HTML 47Page - Microchip Technology MPFS250T-FCVG784E Datasheet HTML 48Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 128 page
background image
Table 55 • Timers
Units
Max
Min
Symbol
Parameters
MHz
250
FTIMERCLK
Timer input clock fre-
quency
6.1.15
Fabric Interface
The following tables describe the fabric interface.
Table 56 • Maximum Clock Frequency
Units
Max
Min
Symbol
Parameter
MHz
250
FFABRICAXICLK
AXI
MHz
250
FFABRICAHBCLK
APB
6.2
I/O Standards Specifications
This section describes I/O delay measurement methodology, buffer speed, switching characteristics, digital
latency, gearing training calibration, and maximum physical interface (PHY) rate for memory interface IP.
6.2.1
Input Delay Measurement Methodology Maximum PHY Rate for Memory Interface IP
The following table provides information about the methodology for input delay measurement.
Table 57 • Input Delay Measurement Methodology
Unit
VREF
1, 5
VMEAS
3, 4
VICM
2
VID
2
VH
1
VL
1
Description
Standard
V
VDDI/2
VDDI
0
PCIE 3.3 V
PCI
V
VDDI/2
VDDI
0
LVTTL 3.3 V
LVTTL
V
VDDI/2
VDDI
0
LVCMOS 3.3
V
LVCMOS33
V
VDDI/2
VDDI
0
LVCMOS 2.5
V
LVCMOS25
V
VDDI/2
VDDI
0
LVCMOS 1.8
V
LVCMOS18
V
VDDI/2
VDDI
0
LVCMOS 1.5
V
LVCMOS15
V
VDDI/2
VDDI
0
LVCMOS 1.2
V
LVCMOS12
V
1.25
VREF
VREF + 0.5
VREF – 0.5
SSTL 2.5 V
Class I
SSTL25I
V
1.25
VREF
VREF + 0.5
VREF – 0.5
SSTL 2.5 V
Class II
SSTL25II
40
Microsemi Proprietary and Confidential. DS0147 Revision 1.0
AC Switching Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com