Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MPFS250T-FCVG784E Datasheet(PDF) 38 Page - Microchip Technology

No. de pieza MPFS250T-FCVG784E
Descripción Electrónicos  PolarFire SoC Advanced Datasheet
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MICROCHIP [Microchip Technology]
Página de inicio  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MPFS250T-FCVG784E Datasheet(HTML) 38 Page - Microchip Technology

Back Button MPFS250T-FCVG784E Datasheet HTML 34Page - Microchip Technology MPFS250T-FCVG784E Datasheet HTML 35Page - Microchip Technology MPFS250T-FCVG784E Datasheet HTML 36Page - Microchip Technology MPFS250T-FCVG784E Datasheet HTML 37Page - Microchip Technology MPFS250T-FCVG784E Datasheet HTML 38Page - Microchip Technology MPFS250T-FCVG784E Datasheet HTML 39Page - Microchip Technology MPFS250T-FCVG784E Datasheet HTML 40Page - Microchip Technology MPFS250T-FCVG784E Datasheet HTML 41Page - Microchip Technology MPFS250T-FCVG784E Datasheet HTML 42Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 128 page
background image
Units
Max
Typ
Min
Symbol
Parameter
ns
3.4
1.0
TEMMCHS200CKO
Clock to output de-
lay, all outputs
2
UI
0.4
TEMMCSDR1IVW
Input valid data
window
3
MHz
200
TEMMCHS200CLK
eMMC HS200 clock
frequency
Table 43 • eMMC HS400 Interface
Units
Max
Typ
Min
Symbol
Parameter
%
60
40
TDCEMMCHS400CLK
eMMC HS400 clock
duty cycle
ns
3.4
1.0
TDCEMMCHS400CKO
Clock to output de-
lay, all outputs
2
UI
0.4
TDCEMMCSDRIVW
Input valid data
window
3
MHz
200
TEMMCHS400CLK
eMMC HS400 clock
frequency
Table 44 • eMMC HS400 Enhanced Strobe Interface
Units
Max
Typ
Min
Symbol
Parameter
%
60
40
TDCEMMCHS400ESCLK
eMMC HS400ES
clock duty cycle
ns
3.4
1.0
TDCEMMCHS400ESCKO
Clock to output de-
lay, all outputs
2
UI
0.4
TDCEMMCSDRIVW
Input valid data
window
3
MHz
200
TEMMCHS400ESCLK
eMMC HS400ES
clock frequency
6.1.7
USB
The following table describes the USB. Test conditions are LVCMOS33, slow slew rate, 8 mA drive strength,
15 pF loads, and 60 MHz device clock frequency.
Table 45 • USB
Units
Max
Min
Symbol
Parameter
ns
4.5
TULPIDCK
Input setup to ULPI
clocks, all inputs
ns
0.0
TULPICKD
Input hold to ULPI
clocks, all inputs
34
Microsemi Proprietary and Confidential. DS0147 Revision 1.0
AC Switching Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com