Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ESP32-S3R2 Datasheet(PDF) 53 Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

No. de pieza ESP32-S3R2
Descripción Electrónicos  2.4 GHz Wi-Fi Bluetooth® LE SoC Supporting IEEE 802.11 b/g/n (2.4 GHz Wi-Fi) and Bluetooth® 5 (LE)
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ESPRESSIF [ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.]
Página de inicio  https://www.espressif.com/
Logo ESPRESSIF - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

ESP32-S3R2 Datasheet(HTML) 53 Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

Back Button ESP32-S3R2 Datasheet HTML 49Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-S3R2 Datasheet HTML 50Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-S3R2 Datasheet HTML 51Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-S3R2 Datasheet HTML 52Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-S3R2 Datasheet HTML 53Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-S3R2 Datasheet HTML 54Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-S3R2 Datasheet HTML 55Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-S3R2 Datasheet HTML 56Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-S3R2 Datasheet HTML 57Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 69 page
background image
4
Electrical Characteristics
4 Electrical Characteristics
4.1 Absolute Maximum Ratings
Stresses beyond the absolute maximum ratings listed in the table below may cause permanent damage to the
device. These are stress ratings only, and do not refer to the functional operation of the device.
Table 4-1. Absolute Maximum Ratings
Symbol
Parameter
Min
Max
Unit
VDDA,
VDD3P3,
VDD3P3_RTC,
VDD3P3_CPU, VDD_SPI
Voltage applied to power supply pins
per power domain
–0.3
3.6
V
Ioutput *
Cumulative IO output current
—
1500
mA
TST ORE
Storage temperature
–40
150
°C
* The chip worked properly after a 24-hour test in ambient temperature at 25 °C, and the IOs in three
domains (VDD3P3_RTC, VDD3P3_CPU, VDD_SPI) output high logic level to ground.
4.2 Recommended Operating Conditions
Table 4-2. Recommended Operating Conditions
Symbol
Parameter
Min
Typ
Max
Unit
VDDA, VDD3P3
Voltage applied to power supply
3.0
3.3
3.6
V
VDD3P3_RTC
pins per power domain
VDD_SPI (working as
input power supply) 1
—
1.8
3.3
3.6
V
VDD3P3_CPU2, 3
Voltage applied to power supply pin
3.0
3.3
3.6
V
IV DD
4
Current delivered by external power supply
0.5
—
—
A
TA
Ambient
temperature
ESP32-S3
–40
—
105
°C
ESP32-S3FN8
85
ESP32-S3R2
85
ESP32-S3R8 5
65
ESP32-S3R8V 5
65
1 For more information, please refer to Section 2.7 Power Scheme.
2 When writing to eFuses, VDD3P3_CPU should not exceed 3.3 V.
3 When VDD_SPI is used to drive peripherals, VDD3P3_CPU should comply with the peripherals’ specifica-
tions. For more information, please refer to Table 4-3.
4 If you use a single power supply, the recommended output current is 500 mA or more.
5 For ESP32-S3R8 and ESP32-S3R8V chips, if the PSRAM ECC function is enabled, the maximum ambient
temperature can be improved to 85 °C, while the usable size of PSRAM will be reduced by 1/16.
Espressif Systems
53
Submit Documentation Feedback
ESP32-S3 Series Datasheet v1.3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com