Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ESP32-S3R2 Datasheet(PDF) 3 Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

No. de pieza ESP32-S3R2
Descripción Electrónicos  2.4 GHz Wi-Fi Bluetooth® LE SoC Supporting IEEE 802.11 b/g/n (2.4 GHz Wi-Fi) and Bluetooth® 5 (LE)
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ESPRESSIF [ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.]
Página de inicio  https://www.espressif.com/
Logo ESPRESSIF - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

ESP32-S3R2 Datasheet(HTML) 3 Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

  ESP32-S3R2 Datasheet HTML 1Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-S3R2 Datasheet HTML 2Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-S3R2 Datasheet HTML 3Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-S3R2 Datasheet HTML 4Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-S3R2 Datasheet HTML 5Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-S3R2 Datasheet HTML 6Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-S3R2 Datasheet HTML 7Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-S3R2 Datasheet HTML 8Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-S3R2 Datasheet HTML 9Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 69 page
background image
Solution Highlights
•
A complete Wi-Fi subsystem that complies
with IEEE 802.11b/g/n protocol and supports
Station, SoftAP, and SoftAP + Station modes
•
A Bluetooth LE subsystem that supports
features of Bluetooth 5 and Bluetooth mesh
•
Xtensa® 32-bit LX7 dual-core processor with a
five-stage pipeline that operates at up to 240
MHz
– A 128-bit data bus and dedicated SIMD
instructions to provide high computing
performance
– Efficient L1 cache to improve execution of
external memory
– Single-precision floating-point unit (FPU) to
accelerate computing
•
Highly-integrated RF module that provides
industry-leading power and RF performance
•
State-of-the-art power management designed
for a wide range of applications with its multiple
low-power modes. The ULP coprocessor can
operate in ultra-low-power mode.
•
Powerful storage capacities ensured by 512
KB SRAM and 384 KB ROM on the chip, and
SPI, Dual SPI, Quad SPI, Octal SPI, QPI, and OPI
interfaces that allow connection to flash and
external RAM
•
Reliable security features ensured by
– Cryptographic hardware accelerators that
support AES-128/256, Hash, RSA, HMAC,
digital signature, and secure boot
– Random number generator
– Permission control on accessing internal
and external memory
– External memory encryption and decryption
•
Rich set of peripheral interfaces and GPIOs,
ideal for various scenarios and complex
applications
Features
Wi-Fi
• IEEE 802.11 b/g/n-compliant
• Supports 20 MHz, 40 MHz bandwidth in 2.4 GHz
band
• 1T1R mode with data rate up to 150 Mbps
• Wi-Fi Multimedia (WMM)
• TX/RX A-MPDU, TX/RX A-MSDU
• Immediate Block ACK
• Fragmentation and defragmentation
• Automatic Beacon monitoring (hardware TSF)
• 4 × virtual Wi-Fi interfaces
• Simultaneous support for Infrastructure BSS in
Station, SoftAP, or Station + SoftAP modes
Note that when ESP32-S3 scans in Station
mode, the SoftAP channel will change along with
the Station channel
• Antenna diversity
• 802.11mc FTM
• External PA is supported
Bluetooth
• Bluetooth LE: Bluetooth 5, Bluetooth mesh
• High power mode (21 dBm)
• Speed: 125 Kbps, 500 Kbps, 1 Mbps, 2 Mbps
• Advertising extensions
• Multiple advertisement sets
• Channel selection algorithm #2
• Internal co-existence mechanism between Wi-Fi
and Bluetooth to share the same antenna
Espressif Systems
3
Submit Documentation Feedback
ESP32-S3 Series Datasheet v1.3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69