Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MJD42C-Q Datasheet(PDF) 7 Page - Nexperia B.V. All rights reserved

No. de pieza MJD42C-Q
Descripción Electrónicos  100 V, 6 A PNP high power bipolar transistor
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NEXPERIA [Nexperia B.V. All rights reserved]
Página de inicio  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

MJD42C-Q Datasheet(HTML) 7 Page - Nexperia B.V. All rights reserved

Back Button MJD42C-Q Datasheet HTML 2Page - Nexperia B.V. All rights reserved MJD42C-Q Datasheet HTML 3Page - Nexperia B.V. All rights reserved MJD42C-Q Datasheet HTML 4Page - Nexperia B.V. All rights reserved MJD42C-Q Datasheet HTML 5Page - Nexperia B.V. All rights reserved MJD42C-Q Datasheet HTML 6Page - Nexperia B.V. All rights reserved MJD42C-Q Datasheet HTML 7Page - Nexperia B.V. All rights reserved MJD42C-Q Datasheet HTML 8Page - Nexperia B.V. All rights reserved MJD42C-Q Datasheet HTML 9Page - Nexperia B.V. All rights reserved MJD42C-Q Datasheet HTML 10Page - Nexperia B.V. All rights reserved  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
Nexperia
MJD42C-Q
100 V, 6 A PNP high power bipolar transistor
13. Soldering
SOT428C
Footprint information for reflow soldering of DPAK (SOT428C) package
sot428c_fr
occupied area
solder paste
solder resist
solder lands
Issue date
Dimensions in mm
19-09-06
6.15
5.8
5.9
1.8
7
1.3
1.5
1.4
1.65
4.57
6
6.125
4.725
6.5
0.3
1
1.15
5.65
2.3
2.4
2.45
3.6
6
5.75
4.6
Fig. 11. Reflow soldering footprint for DPAK (SOT428C)
MJD42C-Q
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2021. All rights reserved
Product data sheet
8 June 2021
7 / 10



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com