Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MJD42C-Q Datasheet(PDF) 5 Page - Nexperia B.V. All rights reserved

No. de pieza MJD42C-Q
Descripción Electrónicos  100 V, 6 A PNP high power bipolar transistor
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NEXPERIA [Nexperia B.V. All rights reserved]
Página de inicio  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

MJD42C-Q Datasheet(HTML) 5 Page - Nexperia B.V. All rights reserved

  MJD42C-Q Datasheet HTML 1Page - Nexperia B.V. All rights reserved MJD42C-Q Datasheet HTML 2Page - Nexperia B.V. All rights reserved MJD42C-Q Datasheet HTML 3Page - Nexperia B.V. All rights reserved MJD42C-Q Datasheet HTML 4Page - Nexperia B.V. All rights reserved MJD42C-Q Datasheet HTML 5Page - Nexperia B.V. All rights reserved MJD42C-Q Datasheet HTML 6Page - Nexperia B.V. All rights reserved MJD42C-Q Datasheet HTML 7Page - Nexperia B.V. All rights reserved MJD42C-Q Datasheet HTML 8Page - Nexperia B.V. All rights reserved MJD42C-Q Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Nexperia
MJD42C-Q
100 V, 6 A PNP high power bipolar transistor
aaa-033349
IC (mA)
-1
-104
-103
-10
-102
-0.4
-0.8
-1.2
VBE
(V)
0
(1)
(2)
(3)
VCE = -4 V
(1) Tamb = −55 °C
(2) Tamb = 25 °C
(3) Tamb = 150 °C
Fig. 5. Base-emitter voltage as a function of collector
current; typical values
aaa-033350
IC (mA)
-1
-104
-103
-10
-102
-0.4
-0.8
-1.2
VBEsat
(V)
0
(1)
(2)
(3)
IC/IB = 10
(1) Tamb = −55 °C
(2) Tamb = 25 °C
(3) Tamb = 150 °C
Fig. 6. Base-emitter saturation voltage as a function of
collector current; typical values
aaa-033351
IC (mA)
-1
-104
-103
-10
-102
-10-2
-10-1
-1
-10
VCEsat
(V)
-10-3
(1)
(3)
(2)
IC/IB = 10
(1) Tamb = 150 °C
(2) Tamb = 25 °C
(3) Tamb = −55 °C
Fig. 7. Collector-emitter saturation voltage as a
function of collector current; typical values
IB (A)
-10-3
-1
-10-1
-10-2
aaa-033352
-0.8
-1.2
-0.4
-1.6
-2.0
VCEsat
(V)
0
(1)
(2)
(3)
Tamb = 25 °C
(1) IC = -1 A
(2) IC = -2.5 A
(3) IC = -5 A
Fig. 8. Collector-emitter saturation region as a function
of base current; typical values
MJD42C-Q
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2021. All rights reserved
Product data sheet
8 June 2021
5 / 10



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com