Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD4697BCPZ Datasheet(PDF) 69 Page - Analog Devices

No. de pieza AD4697BCPZ
Descripción Electrónicos  16-Bit, 8-Channel, 500 kSPS/1 MSPS, Easy Drive Multiplexed SAR ADC
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD4697BCPZ Datasheet(HTML) 69 Page - Analog Devices

Back Button AD4697BCPZ Datasheet HTML 65Page - Analog Devices AD4697BCPZ Datasheet HTML 66Page - Analog Devices AD4697BCPZ Datasheet HTML 67Page - Analog Devices AD4697BCPZ Datasheet HTML 68Page - Analog Devices AD4697BCPZ Datasheet HTML 69Page - Analog Devices AD4697BCPZ Datasheet HTML 70Page - Analog Devices AD4697BCPZ Datasheet HTML 71Page - Analog Devices AD4697BCPZ Datasheet HTML 72Page - Analog Devices AD4697BCPZ Datasheet HTML 73Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 107 page
background image
Data Sheet
AD4697/AD4698
APPLICATIONS INFORMATION
analog.com
Rev. 0 | 69 of 107
Figure 112 shows an example of the recommended connection
diagram for the AD4697/AD4698 companion circuitry.
The AD4697/AD4698 companion circuitry includes power supplies,
voltage reference circuitry, AFE signal conditioning, and an SPI-
compatible digital controller (plus optional digital isolation). The
following sections provide recommendations and suggestions for
selecting and connecting the AD4697/AD4698 companion circuitry
based on common application requirements.
Figure 112. Typical Connection Diagram