Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD4697BCPZ Datasheet(PDF) 55 Page - Analog Devices

No. de pieza AD4697BCPZ
Descripción Electrónicos  16-Bit, 8-Channel, 500 kSPS/1 MSPS, Easy Drive Multiplexed SAR ADC
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD4697BCPZ Datasheet(HTML) 55 Page - Analog Devices

Back Button AD4697BCPZ Datasheet HTML 51Page - Analog Devices AD4697BCPZ Datasheet HTML 52Page - Analog Devices AD4697BCPZ Datasheet HTML 53Page - Analog Devices AD4697BCPZ Datasheet HTML 54Page - Analog Devices AD4697BCPZ Datasheet HTML 55Page - Analog Devices AD4697BCPZ Datasheet HTML 56Page - Analog Devices AD4697BCPZ Datasheet HTML 57Page - Analog Devices AD4697BCPZ Datasheet HTML 58Page - Analog Devices AD4697BCPZ Datasheet HTML 59Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 107 page
background image
Data Sheet
AD4697/AD4698
DIGITAL INTERFACE
analog.com
Rev. 0 | 55 of 107
Table 23. Quad-SDO Mode Data Output Format
OSR Setting
Status Bits
Signal
SCK Falling Edge Number
1
2
3
4
5
6
SDO0
D14
D10
D6
D2
OV_ALT
INX, Bit 0
64
Enabled
SDO3
D18
D14
D10
D6
D2
INX, Bit 3
SDO2
D17
D13
D9
D5
D1
INX, Bit 2
SDO1
D16
D12
D8
D4
D0
INX, Bit 1
SDO0
D15
D11
D7
D3
OV_ALT
INX, Bit 0