| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
MDT10P621 Datasheet(PDF) 21 Page - Micon Design Technology Corporation |
|
|
|||||||||||||||||||||||||||||
MDT10P621 Datasheet(HTML) 21 Page - Micon Design Technology Corporation |
|
21 / 21 page ![]() MDT10P621 This specification are subject to be changed without notice. Any latest information please preview http;//www.mdtic.com.tw P.21 2005/5 Ver. 1.8 10.Block Diagram S ta ck 8 Le ve ls P ro g ra m C o u n te rs O s cilla to r Circu it P o we r o n R e s e t P o we r Do w n Re s e t C o u n te r / Tim e r0 E P R O M 4 Kx 1 4 (MD T1 0 P 6 2 1 ) In s tru ctio n Re g is te r In s tru ctio n De co d e r W o rkin g R e g is te r ALU S e ria l P o rt (S CM) RAM 1 9 2 X8 S p e c ia l Re g is te r Co n tro l C ircu it S ta tu s R e g is te r W DT/O S T Tim e r P o rt A P o rt B O S C1 O S C2 MC LR D a ta 8 -b it 1 4 b its P ortA P A0 ~P A5 6 b its D0 ~ D7 P o rtC P o rtC P C0 ~P C 7 8 bits P ortB P B0 ~P B7 8 b its Tim e r1 / Tim e r2 (C CP 1 ) P o we r R a ng e Detecto r 1 2 b its 1 2 b its |