Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MDT10P621 Datasheet(PDF) 2 Page - Micon Design Technology Corporation

No. de pieza MDT10P621
Descripción Electrónicos  8-bit micro-controller
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MDTIC [Micon Design Technology Corporation]
Página de inicio  http://www.mdtic.com.tw
Logo MDTIC - Micon Design Technology Corporation

MDT10P621 Datasheet(HTML) 2 Page - Micon Design Technology Corporation

  MDT10P621 Datasheet HTML 1Page - Micon Design Technology Corporation MDT10P621 Datasheet HTML 2Page - Micon Design Technology Corporation MDT10P621 Datasheet HTML 3Page - Micon Design Technology Corporation MDT10P621 Datasheet HTML 4Page - Micon Design Technology Corporation MDT10P621 Datasheet HTML 5Page - Micon Design Technology Corporation MDT10P621 Datasheet HTML 6Page - Micon Design Technology Corporation MDT10P621 Datasheet HTML 7Page - Micon Design Technology Corporation MDT10P621 Datasheet HTML 8Page - Micon Design Technology Corporation MDT10P621 Datasheet HTML 9Page - Micon Design Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
MDT10P621
This specification are subject to be changed without notice. Any latest information please preview
http;//www.mdtic.com.tw
P.2
2005/5 Ver. 1.8
4. Pin Assignment
/MCLR 1
28
PB7
PA0 2
27
PB6
PA1 3
26
PB5
PA2 4
25
PB4
PA3 5
24
PB3
PA4/RTCC 6
23
PB2
PA5/SS 7
22
PB1
Vss 8
21
PB0/INT
OSC1/CLKIN 9
20
Vdd
OSC2/CLKOUT 10
19
Vss
PC0/T1OSO/T1CKI 11
18
PC7
PC1/T1OSI 12
17
PC6
PC2/CCP 13
16
PC5/SDO
PC3/SCK 14
15
PC4/SDI
5. Pin Function Description
Pin Name
I/O
Function Description
PA0~PA3,PA5
I/O
Port A, TTL input level
RTCC/PA4
I/O
Real Time Clock/Counter, Schmitt Trigger input level
Open drain output
PB0~PB7
I/O
Port B, TTL input level / PB0:External interrupt input ,
PB4~PB7:Interrupt on pin change
PC0~PC7
I/O
Port C, Schmitt Trigger input level
/MCLR
I
Master Clear, Schmitt Trigger input level
OSC1/CLKIN
I
Oscillator Input/external clock input
OSC2/CLKOUT
O
Oscillator Output/in RC mode, the CLKOUT pin has 1/4
frequency of CLKIN
Vdd
Power supply
Vss
Ground



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21