| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
STM8L151C2 Datasheet(PDF) 98 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM8L151C2 Datasheet(HTML) 98 Page - STMicroelectronics |
|
98 / 123 page ![]() Electrical parameters STM8L151x2, STM8L151x3 98/123 DS7204 Rev 11 Figure 37. ADC1 accuracy characteristics Figure 38. Typical connection diagram using the ADC1 1. Refer to Table 48 for the values of RAIN and CADC1. 2. Cparasitic represents the capacitance of the PCB (dependent on soldering and PCB layout quality) plus the pad capacitance (roughly 7 pF). A high Cparasitic value will downgrade conversion accuracy. To remedy this, fADC1 should be reduced. General PCB design guidelines Power supply decoupling should be performed as shown in Figure 39 or Figure 40, depending on whether VREF+ is connected to VDDA or not. Good quality ceramic 10 nF capacitors should be used. They should be placed as close as possible to the chip. EO EG 1LSBIDEAL (1) Example of an actual transfer curve (2) The ideal transfer curve (3) End point correlation line ET=Total Unadjusted Error: maximum deviation between the actual and the ideal transfer curves. EO=Offset Error: deviation between the first actual transition and the first ideal one. EG=Gain Error: deviation between the last ideal transition and the last actual one. ED=Differential Linearity Error: maximum deviation between actual steps and the ideal one. EL=Integral Linearity Error: maximum deviation between any actual transition and the end point correlation line. 4095 4094 4093 5 4 3 2 1 0 7 6 1 2 3 456 7 4093 4094 4095 4096 (1) (2) ET ED EL (3) VDDA VSSA ai14395b VREF+ 4096 (or depending on package)] VDDA 4096 [1LSBIDEAL = ai17090f STM8 IL± 50nA 12-bit converter Sample and hold ADC converter VAIN RAIN (1) AINx VDD VT 0.6V VT 0.6V Cparasitic (2) RADC CADC (1) |