Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

STM8L151C2 Datasheet(PDF) 86 Page - STMicroelectronics

No. de pieza STM8L151C2
Descripción Electrónicos  8-bit ultra-low-power MCU, up to 8 KB Flash, up to 256 bytes data EEPROM, RTC, timers, USART, I2C, SPI, ADC, comparators
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8L151C2 Datasheet(HTML) 86 Page - STMicroelectronics

Back Button STM8L151C2_V01 Datasheet HTML 82Page - STMicroelectronics STM8L151C2_V01 Datasheet HTML 83Page - STMicroelectronics STM8L151C2_V01 Datasheet HTML 84Page - STMicroelectronics STM8L151C2_V01 Datasheet HTML 85Page - STMicroelectronics STM8L151C2_V01 Datasheet HTML 86Page - STMicroelectronics STM8L151C2_V01 Datasheet HTML 87Page - STMicroelectronics STM8L151C2_V01 Datasheet HTML 88Page - STMicroelectronics STM8L151C2_V01 Datasheet HTML 89Page - STMicroelectronics STM8L151C2_V01 Datasheet HTML 90Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 123 page
background image
Electrical parameters
STM8L151x2, STM8L151x3
86/123
DS7204 Rev 11
Figure 31. Typical NRST pull-up current Ipu vs VDD
The reset network shown in Figure 32 protects the device against parasitic resets. The user
must ensure that the level on the NRST pin can go below the VIL(NRST) max. level specified
in Table 41. Otherwise the reset is not taken into account internally.
For power consumption sensitive applications, the external reset capacitor value can be
reduced to limit the charge/discharge current. If the NRST signal is used to reset the
external circuitry, attention must be paid to the charge/discharge time of the external
capacitor to fulfill the external devices reset timing conditions. The minimum recommended
capacity is 10 nF.
Figure 32. Recommended NRST pin configuration
1.8
1.95 2.1
2.25 2.4
2.55 2.7
2.85
3
3.15 3.3
3.45 3.6
120
100
80
60
40
20
0
VDD [V]
-40°C
25°C
85°C
ai18225b
R
PU
NRST
External
reset
circuit
(Optional)
0.1 uF
Filter
Internal reset
STM8
MS34928V1
VDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More