Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

UCD7100 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
No. de pieza UCD7100
Descripción Electrónicos  UCD7100 Digital Control Compatible Single Low-Side 짹4-A MOSFET Driver with Current Sense
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

UCD7100 Datasheet(HTML) 7 Page - Texas Instruments

Back Button UCD7100 Datasheet HTML 3Page - Texas Instruments UCD7100 Datasheet HTML 4Page - Texas Instruments UCD7100 Datasheet HTML 5Page - Texas Instruments UCD7100 Datasheet HTML 6Page - Texas Instruments UCD7100 Datasheet HTML 7Page - Texas Instruments UCD7100 Datasheet HTML 8Page - Texas Instruments UCD7100 Datasheet HTML 9Page - Texas Instruments UCD7100 Datasheet HTML 10Page - Texas Instruments UCD7100 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
8.5 Electrical Characteristics (continued)
VDD = 12 V, 4.7-µF capacitor from VDD to GND, TA = TJ = –40°C to 105°C, (unless otherwise noted).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX UNIT
Bias voltage
Includes CS comp offset
5
25
50
mV
Input bias current
–1
uA
Propagation delay from CS to OUTx
ILIM = 0.5 V, measured on OUTx, CS = threshold + 60 mV
25
40
ns
Propagation delay from CS to CLF
ILIM = 0.5 V, measured on CLF, CS = threshold + 60 mV
25
50
CURRENT SENSE DISCHARGE TRANSISTOR
Discharge resistance
IN = low, resistance from CS to AGND
10
35
75
OUTPUT DRIVERS
Source current(1)
VDD = 12 V, IN = high, OUT = 5 V
4
A
Sink current(1)
VDD = 12 V, IN = low, OUT = 5 V
4
Source current(1)
VDD = 4.75 V, IN = high, OUT = 0
2
Sink current(1)
VDD = 4.75 V, IN = low, OUT = 4.75 V
3
Rise time, tR (1)
CLOAD = 2.2 nF, VDD = 12 V
10
20
ns
Fall time, tF (1)
CLOAD = 2.2 nF, VDD = 12 V
10
15
Output with VDD < UVLO
VDD = 1.0 V, ISINK = 10 mA
0.8
1.2
V
Propagation delay from IN to OUTx, tD1 CLOAD = 2.2 nF, VDD = 12 V, CLK rising
20
35
ns
(1)
Ensured by design. Not 100% tested in production.
VIT−
10%
90%
INPUT
OUTPUT
VIT+
tD1
tF
tF
tD2
Figure 8-1. Timing Diagram
www.ti.com
UCD7100
SLUS651E – MARCH 2005 – REVISED NOVEMBER 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
7
Product Folder Links: UCD7100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com