Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

UCD7100 Datasheet(PDF) 9 Page - Texas Instruments

No. de pieza UCD7100
Descripción Electrónicos  UCD7100 Digital Control Compatible Single Low-Side 짹4-A MOSFET Driver with Current Sense
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

UCD7100 Datasheet(HTML) 9 Page - Texas Instruments

Back Button UCD7100_V01 Datasheet HTML 5Page - Texas Instruments UCD7100_V01 Datasheet HTML 6Page - Texas Instruments UCD7100_V01 Datasheet HTML 7Page - Texas Instruments UCD7100_V01 Datasheet HTML 8Page - Texas Instruments UCD7100_V01 Datasheet HTML 9Page - Texas Instruments UCD7100_V01 Datasheet HTML 10Page - Texas Instruments UCD7100_V01 Datasheet HTML 11Page - Texas Instruments UCD7100_V01 Datasheet HTML 12Page - Texas Instruments UCD7100_V01 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 30 page
background image
5
10
15
20
25
30
35
40
45
5
7.5
10
12.5
15
VDD − Supply Voltage − V
CLOAD = 10 nF
CLOAD = 4.7 nF
CLOAD = 2.2 nF
CLOAD = 1 nF
Figure 8-8. Fall Time vs Supply Voltage
0
5
10
15
20
5
7.5
10
12.5
15
VDD − Supply Voltage − V
CLOAD = 10 nF
CLOAD = 4.7 nF
CLOAD = 2.2 nF
CLOAD = 1 nF
Figure 8-9. Propagation Delay Rising vs Supply
Voltage
5
10
15
20
25
5
7.5
10
12.5
15
VDD − Supply Voltage − V
CLOAD = 10 nF
CLOAD = 4.7 nF
CLOAD = 2.2 nF
CLOAD = 1 nF
Figure 8-10. Propagation Delay Falling vs Supply
Voltage
−50
50
125
−25
0
25
75
100
0.46
0.47
0.48
0.49
0.50
0.51
0.52
0.53
0.54
TJ − Temperature − °C
Figure 8-11. Default Current Limit Threshold vs
Temperature
−50
50
125
−25
0
25
75
100
0
5
10
15
20
25
30
35
40
TJ − Temperature − °C
Figure 8-12. CS to OUTx Propagation Delay vs
Temperature
−50
50
−25
0
25
75
100
0
5
10
15
20
25
30
35
40
45
50
TJ − Temperature − °C
125
Figure 8-13. CS to CLF Propagation Delay vs
Temperature
www.ti.com
UCD7100
SLUS651E – MARCH 2005 – REVISED NOVEMBER 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
9
Product Folder Links: UCD7100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com