| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
LP8733 Datasheet(PDF) 42 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
LP8733 Datasheet(HTML) 42 Page - Texas Instruments |
|
42 / 84 page ![]() Table 7-7. Summary of LP8733xx Control Registers (continued) Addr Register Read / Write D7 D6 D5 D4 D3 D2 D1 D0 0x15 PGOOD_CT RL_1 R/W PGOOD_PO L PGOOD_OD PGOOD_WI NDOW_LDO PGOOD_WI NDOW_BUC K EN_PGOOD _LDO1 EN_PGOOD _LDO0 EN_PGOOD _BUCK1 EN_PGOOD _BUCK0 0x16 PGOOD_CT RL_2 R/W Reserved - do not use EN_PGOOD _TWARN PG_FAULT_ GATES_PG OOD PGOOD_M ODE 0x17 PG_FAULT R Reserved - do not use PG_FAULT_ LDO1 PG_FAULT_ LDO0 PG_FAULT_ BUCK1 PG_FAULT_ BUCK0 0x18 RESET R/W Reserved - do not use SW_ RESET 0x19 INT_TOP_1 R/W PGOOD_ INT INT_ LDO INT_ BUCK SYNC_ CLK_INT TDIE_SD_IN T TDIE_ WARN_INT OVP_INT I_MEAS_ INT 0x1A INT_TOP_2 R/W Reserved - do not use RESET_ REG_INT 0x1B INT_BUCK R/W Reserved - do not use BUCK1_ PG_INT BUCK1_ SC_INT BUCK1_ ILIM_INT Reserved - do not use BUCK0_ PG_INT BUCK0_ SC_INT BUCK0_ ILIM_INT 0x1C INT_LDO R/W Reserved - do not use LDO1_ PG_INT LDO1_ SC_INT LDO1_ ILIM_INT Reserved - do not use LDO0_ PG_INT LDO0_ SC_INT LDO0_ ILIM_INT 0x1D TOP_ STAT R PGOOD_ST AT Reserved - do not use SYNC_CLK _STAT TDIE_SD _STAT TDIE_ WARN_ STAT OVP_ STAT Reserved - do not use 0x1E BUCK_STAT R BUCK1_ STAT BUCK1_ PG_STAT Reserved - do not use BUCK1_ ILIM_STAT BUCK0_ STAT BUCK0_ PG_STAT Reserved - do not use BUCK0_ ILIM_STAT 0x1F LDO_STAT R LDO1_ STAT LDO1_ PG_STAT Reserved - do not use LDO1_ ILIM_STAT LDO0_ STAT LDO0_ PG_STAT Reserved - do not use LDO0_ ILIM_STAT 0x20 TOP_ MASK_1 R/W PGOOD_ INT_MASK Reserved - do not use SYNC_CLK _MASK Reserved - do not use TDIE_WARN _MASK Reserved - do not use I_MEAS_ MASK 0x21 TOP_ MASK_2 R/W Reserved - do not use RESET_ REG_MASK 0x22 BUCK_MAS K R/W BUCK1_PG F_MASK BUCK1_PG R_MASK Reserved - do not use BUCK1_ ILIM_ MASK BUCK0_PG F_MASK BUCK0_PG R_MASK Reserved - do not use BUCK0_ ILIM_ MASK 0x23 LDO_MASK R/W LDO1_PGF_ MASK LDO1_PGR _MASK Reserved - do not use LDO1_ ILIM_ MASK LDO0_PGF_ MASK LDO0_PGR _MASK Reserved - do not use LDO0_ ILIM_ MASK 0x24 SEL_I_ LOAD R/W Reserved - do not use LOAD_CUR RENT_ BUCK_SEL ECT 0x25 I_LOAD_2 R Reserved - do not use BUCK_LOA D_CURREN T[8] 0x26 I_LOAD_1 R BUCK_LOAD_CURRENT[7:0] LP8733 SNVSBK2A – SEPTEMBER 2019 – REVISED JUNE 2021 www.ti.com 42 Submit Document Feedback Copyright © 2021 Texas Instruments Incorporated Product Folder Links: LP8733 |