Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LP8733 Datasheet(PDF) 40 Page - Texas Instruments

Click here to check the latest version.
No. de pieza LP8733
Descripción Electrónicos  LP8733xx Dual High-Current Buck Converter and Dual Linear Regulator
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

LP8733 Datasheet(HTML) 40 Page - Texas Instruments

Back Button LP8733 Datasheet HTML 36Page - Texas Instruments LP8733 Datasheet HTML 37Page - Texas Instruments LP8733 Datasheet HTML 38Page - Texas Instruments LP8733 Datasheet HTML 39Page - Texas Instruments LP8733 Datasheet HTML 40Page - Texas Instruments LP8733 Datasheet HTML 41Page - Texas Instruments LP8733 Datasheet HTML 42Page - Texas Instruments LP8733 Datasheet HTML 43Page - Texas Instruments LP8733 Datasheet HTML 44Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 84 page
background image
ACK from slave
START
MSB Chip Address LSB
SCL
ACK from slave
W
MSB Register Address LSB
RS
R
MSB
Data
LSB
STOP
ACK from slave
NACK from master
REPEATED START
Data from slave
SDA
START
id = 0x60
W ACK
address = 0x3F
ACK
RS
R ACK
address 0x3F data
NACK
STOP
MSB Chip Address LSB
id = 0x60
When READ function is to be accomplished, a WRITE function must precede the READ function as shown above.
Figure 7-20. Read Cycle (r = read; SDA = 1). Example Device Address = 0x60
7.5.1.4 I2C-Compatible Chip Address
After the START condition, the I2C master sends the 7-bit address followed by an eighth bit, read or write (R/W).
R/W = 0 indicates a WRITE and R/W = 1 indicates a READ. The second byte following the device address
selects the register address to which the data is written. The third byte contains the data for the selected register.
1
Bit 7
MSB
LSB
I
2C Slave Address (chip address)
1
Bit 6
0
Bit 5
0
Bit 4
0
Bit 3
0
Bit 2
0
Bit 1
R/W
Bit 0
Here in an example with device address of 1100000Bin = 60Hex.
Figure 7-21. Device Address Example
7.5.1.5 Auto-Increment Feature
The auto-increment feature allows writing several consecutive registers within one transmission. Every time an
8-bit word is sent to the LP8733xx, the internal address index counter is incremented by one and the next
register is written. Table 7-6 shows writing sequence to two consecutive registers. The auto-increment feature
does not work for read.
Table 7-6. Auto-Increment Example
MASTER
ACTION
START
DEVICE
ADDRESS = X
WRITE
REGISTER
ADDRESS
DATA
DATA
STOP
LP8733xx
ACK
ACK
ACK
ACK
LP8733
SNVSBK2A – SEPTEMBER 2019 – REVISED JUNE 2021
www.ti.com
40
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: LP8733



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com