| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
VSC8658 Datasheet(PDF) 83 Page - Microsemi Corporation |
|
|
|||||||||||||||||||||||||||||
VSC8658 Datasheet(HTML) 83 Page - Microsemi Corporation |
|
83 / 95 page ![]() Pin Descriptions VMDS-10242 VSC8658 Datasheet Revision 4.1 75 7.2.3 GPIO and SIGDET The following table shows the pins associated with the device GPIO and SIGDET. AA2 AE2 AE6 AE10 AE14 AE18 AE22 AD25 AA1 AF2 AF6 AF10 AF14 AF18 AF22 AD26 SER_DOP_7 SER_DOP_6 SER_DOP_5 SER_DOP_4 SER_DOP_3 SER_DOP_2 SER_DOP_1 SER_DOP_0 SER_DON_7 SER_DON_6 SER_DON_5 SER_DON_4 SER_DON_3 SER_DON_2 SER_DON_1 SER_DON_0 ODIFF SerDes media transmitter output pair. AB2 AE3 AE7 AE11 AE15 AE19 AE23 AC25 AB1 AF3 AF7 AF11 AF15 AF19 AF23 AC26 SER_DIP_7 SER_DIP_6 SER_DIP_5 SER_DIP_4 SER_DIP_3 SER_DIP_2 SER_DIP_1 SER_DIP_0 SER_DIN_7 SER_DIN_6 SER_DIN_5 SER_DIN_4 SER_DIN_3 SER_DIN_2 SER_DIN_1 SER_DIN_0 IDIFF SerDes media receiver input pair. Table 84 • GPIO and SIGDET Pins Pin Name Type Description T26 T25 U26 U25 U24 U23 V26 V25 V24 V23 W26 W25 W24 W23 Y24 Y23 GPIO15 GPIO14 GPIO13 GPIO12 GPIO11 GPIO10 GPIO9 GPIO8 GPIO7 / SIGDET_7 GPIO6 / SIGDET_6 GPIO5 / SIGDET_5 GPIO4 / SIGDET_4 GPIO3 / SIGDET_3 GPIO2 / SIGDET_2 GPIO1 / SIGDET_1 GPIO0 / SIGDET_0 IPD/O General purpose input/output (GPIO). Eight dedicated GPIO pins are provided. Additionally, the eight SIGDET pins can be configured to become GPIO pins if not used. Table 83 • SerDes Media Interface Pins (continued) |