| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
VSC8658 Datasheet(PDF) 80 Page - Microsemi Corporation |
|
|
|||||||||||||||||||||||||||||
VSC8658 Datasheet(HTML) 80 Page - Microsemi Corporation |
|
80 / 95 page ![]() Pin Descriptions VMDS-10242 VSC8658 Datasheet Revision 4.1 72 7 Pin Descriptions The VSC8658 device has 444 pins, which are described in this section. 7.1 Pin Diagram The following illustrations show the pin diagram for the VSC8658 device. For clarity, the device is shown in two halves in Figure 23, page 72 and Figure 24, page 73. Figure 23 • Pin Diagram, Left Side, Top View 1 2 3 4 5 6 7 8 9 10 11 12 13 A VSS TXVPB_6 TXVPC_6 TXVPD_6 TXVPA_5 TXVPB_5 TXVPC_5 TXVPD_5 TXVPA_4 TXVPB_4 TXVPC_4 TXVPD_4 B VSS VSS TXVNB_6 TXVNC_6 TXVND_6 TXVNA_5 TXVNB_5 TXVNC_5 TXVND_5 TXVNA_4 TXVNB_4 TXVNC_4 TXVND_4 C TXVPA_6 TXVNA_6 VDD33 VDD33 VSS NC VDD12A VSS VSS VDD33 VDD33 VDD33 VDD12A D TXVPD_7 TXVND_7 VDD33 VDD33 VSS VDD12A VDD12A VSS VSS VDD33 VDD33 VDD33 VDD12A E TXVPC_7 TXVNC_7 VDD12A VDD12A F TXVPB_7 TXVNB_7 VSS REF_REXT_B G TXVPA_7 TXVNA_7 NC REF_FILT_B H VSS VSS VSS VSS J XTAL1/REFCLK XTAL2 LED3_7 LED2_7 K VSS VSS LED1_7 LED0_7 VDD12 VSS VSS VSS VSS VSS L LED3_6 LED2_6 LED3_5 LED2_5 VDD12 VSS VSS VSS VSS VSS M LED1_6 LED0_6 LED1_5 LED0_5 VDD12 VSS VSS VSS VSS VSS N VDD33 VDD33 VDD33 VDD33 VDD12 VSS VSS VSS VSS VSS P EECLK EEDAT LED3_4 LED2_4 VDD12 VSS VSS VSS VSS VSS R PLLM ODE OSCEN LED1_4 LED0_4 VDD12 VSS VSS VSS VSS VSS T TM S TCK NTRST TDO VDD12 VSS VSS VSS VSS VSS U TDI VDDIO M DC VDD33 VDD12 VDD12 VDD12 VDD12 VDD12 VDD12 V CLKOUT VDDIO M DIO VSS W M DINT_0 M DINT_1 M DINT_2 M DINT_3 Y M DINT_4 M DINT_5 M DINT_6 M DINT_7 AA SER_DON_7 SER_DOP_7 NRESET VSS AB SER_DIN_7 SER_DIP_7 VSS VDDIO AC MAC_RDN_7 MAC_RDP_7 VSS VDD12A VDD12A VSS VDD12A VDD12A VSS VSS VDD12A VDD12A VDD12A AD MAC_TDN_7 MAC_TDP_7 VDD33 VSS VDD33 VSS VDD33 VDD12A VSS VSS VDD33 VDD33 VSS AE VSS SER_DoP_6 SER_DIP_6 MAC_RDP_6 MAC_TDP_6 SER_DoP_5 SER_DiP_5 MAC_RDP_5 MAC_TDP_5 SER_DoP_4 SER_DiP_4 MAC_RDP_4 MAC_TDP_4 AF SER_DoN_6 SER_DIN_6 MAC_RDN_6 MAC_TDN_6 SER_DoN_5 SER_DiN_5 MAC_RDN_5 MAC_TDN_5 SER_ DoN_4 SER_DiN_4 MAC_RDN_4 MAC_TDN_4 1 2 3 4 5 6 7 8 9 10 11 12 13 |