| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
P5021 Datasheet(PDF) 53 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
P5021 Datasheet(HTML) 53 Page - NXP Semiconductors |
|
53 / 155 page ![]() Electrical characteristics P5021 QorIQ Integrated Processor Data Sheet, Rev. 1 Freescale Semiconductor 53 Fuse programming override supply POVDD –0.3 to 1.65 V 1 DUART, I2C, DMA, MPIC, GPIO, system control and power management, clocking, debug, I/O voltage select, and JTAG I/O voltage OVDD –0.3 to 3.63 V — eSPI, eSHDC CVDD –0.3 to 3.63 –0.3 to 2.75 –0.3 to 1.98 V— DDR3 and DDR3L DRAM I/O voltage GVDD –0.3 to 1.65 V — Enhanced local bus I/O voltage BVDD –0.3 to 3.63 –0.3 to 2.75 –0.3 to 1.98 V— Core power supply for SerDes transceivers SVDD –0.3 to 1.1 V — Pad power supply for SerDes transceivers XVDD –0.3 to 1.98 –0.3 to 1.65 V— Ethernet I/O, Ethernet management interface 1 (EMI1), 1588, GPIO LVDD –0.3 to 3.63 –0.3 to 2.75 V3 Ethernet management interface 2 (EMI2) — –0.3 to 1.32 V 8 USB PHY Transceiver supply voltage USB_VDD_3P3 –0.3 to 3.63 V — USB PHY PLL supply voltage USB_VDD_1P0 –0.3 to 1.1 V — Low-power security monitor supply VDD_LP –0.3 to 1.1 V — Table 2. Absolute maximum operating conditions1 (continued) Parameter Symbol Maximum value Unit Notes |