Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MPC866 Datasheet(PDF) 5 Page - NXP Semiconductors

No. de pieza MPC866
Descripción Electrónicos  Hardware Specifications
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NXP [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC866 Datasheet(HTML) 5 Page - NXP Semiconductors

  MPC866 Datasheet HTML 1Page - NXP Semiconductors MPC866 Datasheet HTML 2Page - NXP Semiconductors MPC866 Datasheet HTML 3Page - NXP Semiconductors MPC866 Datasheet HTML 4Page - NXP Semiconductors MPC866 Datasheet HTML 5Page - NXP Semiconductors MPC866 Datasheet HTML 6Page - NXP Semiconductors MPC866 Datasheet HTML 7Page - NXP Semiconductors MPC866 Datasheet HTML 8Page - NXP Semiconductors MPC866 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 96 page
background image
MPC866/MPC859 Hardware Specifications, Rev. 2
Freescale Semiconductor
5
Features
One serial peripheral interface (SPI)
— Supports master and slave modes
— Supports multiple-master operation on the same bus
One inter-integrated circuit (I2C) port
— Supports master and slave modes
— Multiple-master environment support
Time slot assigner (TSA) (MPC859DSL does not have TSA.)
— Allows SCCs and SMCs to run in multiplexed and/or non-multiplexed operation
— Supports T1, CEPT, PCM highway, ISDN basic rate, ISDN primary rate, user-defined
— 1- or 8-bit resolution
— Allows independent transmit and receive routing, frame synchronization, and clocking
— Allows dynamic changes
— On MPC866P and MPC866T, can be internally connected to six serial channels (four SCCs and two
SMCs); on MPC859P and MPC859T, can be connected to three serial channels (one SCC and two
SMCs).
Parallel interface port (PIP)
— Centronics interface support
— Supports fast connection between compatible ports on MPC866/859 or MC68360
PCMCIA interface
— Master (socket) interface, compliant with PCI Local Bus Specification (Rev 2.1)
— Supports one or two PCMCIA sockets whether ESAR functionality is enabled
— Eight memory or I/O windows supported
Debug interface
— Eight comparators: four operate on instruction address, two operate on data address, and two operate on
data.
— Supports conditions: =
≠ < >
— Each watchpoint can generate a breakpoint internally
Normal high and normal low power modes to conserve power
1.8 V core and 3.3 V I/O operation with 5-V TTL compatibility; refer to Table 6 for a listing of the 5-V
tolerant pins.
357-pin plastic ball grid array (PBGA) package
Operation up to 133 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com