Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SC3200 Datasheet(PDF) 415 Page - Advanced Micro Devices

No. de pieza SC3200
Descripción Electrónicos  AMD GEODE-TM SC3200 PROCESSOR
PDF  447 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AMD [Advanced Micro Devices]
Página de inicio  http://www.amd.com
Logo AMD - Advanced Micro Devices

SC3200 Datasheet(HTML) 415 Page - Advanced Micro Devices

Back Button SC3200 Datasheet HTML 411Page - Advanced Micro Devices SC3200 Datasheet HTML 412Page - Advanced Micro Devices SC3200 Datasheet HTML 413Page - Advanced Micro Devices SC3200 Datasheet HTML 414Page - Advanced Micro Devices SC3200 Datasheet HTML 415Page - Advanced Micro Devices SC3200 Datasheet HTML 416Page - Advanced Micro Devices SC3200 Datasheet HTML 417Page - Advanced Micro Devices SC3200 Datasheet HTML 418Page - Advanced Micro Devices SC3200 Datasheet HTML 419Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 415 / 447 page
background image
AMD Geode™ SC3200 Processor Data Book
415
Electrical Specifications
Revision 5.1
Figure 9-34. Device Pausing an UltraDMA Data Out Burst Timing Diagram
tRP
IDE_DATA[15:0]
(host)
tRFS
tSR
IDE_IOR0#
(HSTROBE0#)
(host)
IDE_DACK0#
(host)
IDE_DREQ0
(device)
IDE_IOW0# (STOP0#)
(host)
IDE_IORDY0# (DDMARDY0#)
(device)
Notes:
1)
The device can de-assert IDE_DREQ[0:1] to request termination of the UltraDMA burst no sooner than tRP after
IDE_IORDY[0:1]# (DDMARDY[0:1]#) is de-asserted.
2)
If the tSR timing is not satisfied, the device may receive up to two additional datawords from the host.